Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1284 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1284
Description  Watchdog Timekeepers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1284 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1284 Datasheet HTML 9Page - Dallas Semiconductor DS1284 Datasheet HTML 10Page - Dallas Semiconductor DS1284 Datasheet HTML 11Page - Dallas Semiconductor DS1284 Datasheet HTML 12Page - Dallas Semiconductor DS1284 Datasheet HTML 13Page - Dallas Semiconductor DS1284 Datasheet HTML 14Page - Dallas Semiconductor DS1284 Datasheet HTML 15Page - Dallas Semiconductor DS1284 Datasheet HTML 16Page - Dallas Semiconductor DS1284 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DS1284/DS1286
13 of 18
POWER-UP/POWER-DOWN CONDITION
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
CE at VIH before Power-Down
tPD
0
µs
VCC Slew from 4.5V to 0V (CE at VIH)
tF
350
µs
VCC Slew from 0V to 4.5V (CE at VIH)
tR
100
µs
CE at VIH after Power-Up
tREC
150
ns
POWER-DOWN/POWER-UP CONDITION
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Expected Data-Retention Time
(DS1286)
tDR
10
years
9
WARNING: Under no circumstances are negative undershoots, of any amplitude, allowed
when device is in battery-backup mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com