Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1302 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1302
Description  Trickle-Charge Timekeeping Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1302 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1302 Datasheet HTML 7Page - Dallas Semiconductor DS1302 Datasheet HTML 8Page - Dallas Semiconductor DS1302 Datasheet HTML 9Page - Dallas Semiconductor DS1302 Datasheet HTML 10Page - Dallas Semiconductor DS1302 Datasheet HTML 11Page - Dallas Semiconductor DS1302 Datasheet HTML 12Page - Dallas Semiconductor DS1302 Datasheet HTML 13Page - Dallas Semiconductor DS1302 Datasheet HTML 14Page - Dallas Semiconductor DS1302 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DS1302 Trickle-Charge Timekeeping Chip
11 of 16
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Capacitance
CI
10
pF
I/O Capacitance
CI/O
15
pF
AC ELECTRICAL CHARACTERISTICS
(TA = 0°C to +70°C or TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 2.0V
200
Data to CLK Setup
tDC
VCC = 5V
(Note 6)
50
ns
VCC = 2.0V
280
CLK to Data Hold
tCDH
VCC = 5V
(Note 6)
70
ns
VCC = 2.0V
800
CLK to Data Delay
tCDD
VCC = 5V
(Notes 6, 7, 8)
200
ns
VCC = 2.0V
1000
CLK Low Time
tCL
VCC = 5V
(Note 6)
250
ns
VCC = 2.0V
1000
CLK High Time
tCH
VCC = 5V
(Note 6)
250
ns
VCC = 2.0V
0.5
CLK Frequency
tCLK
VCC = 5V
(Note 6)
DC
2.0
MHz
VCC = 2.0V
2000
CLK Rise and Fall
tR, tF
VCC = 5V
500
ns
VCC = 2.0V
4
CE to CLK Setup
tCC
VCC = 5V
(Note 6)
1
µs
VCC = 2.0V
240
CLK to CE Hold
tCCH
VCC = 5V
(Note 6)
60
ns
VCC = 2.0V
4
CE Inactive Time
tCWH
VCC = 5V
(Note 6)
1
µs
VCC = 2.0V
280
CE to I/O High Impedance
tCDZ
VCC = 5V
(Note 6)
70
ns
VCC = 2.0V
280
SCLK to I/O High Impedance
tCCZ
VCC = 5V
(Note 6)
70
ns
Note 1:
Limits at -40°C are guaranteed by design and are not production tested.
Note 2:
All voltages are referenced to ground.
Note 3:
ICC1T and ICC2T are specified with I/O open, CE and SCLK set to a logic 0.
Note 4:
ICC1A and ICC2A are specified with the I/O pin open, CE high, SCLK = 2MHz at VCC = 5V; SCLK = 500kHz, VCC = 2.0V.
Note 5:
CE, SCLK, and I/O all have 40k
Ω pulldown resistors to ground.
Note 6:
Measured at VIH = 2.0V or VIL = 0.8V and 10ns maximum rise and fall time.
Note 7:
Measured at VOH = 2.4V or VOL = 0.4V.
Note 8:
Load capacitance = 50pF.
Note 9:
ICC1S and ICC2S are specified with CE, I/O, and SCLK open.
Note 10:
VCC = VCC2, when VCC2 > VCC1 + 0.2V; VCC = VCC1, when VCC1 > VCC2.
Note 11:
VCC2 = 0V.
Note 12:
VCC1 = 0V.
Note 13:
Typical values are at +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com