Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C024AV-25AI Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # CY7C024AV-25AI
Description  3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024AV-25AI Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button CY7C024AV-25AI Datasheet HTML 11Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 12Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 13Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 14Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 15Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 16Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 17Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 18Page - Cypress Semiconductor CY7C024AV-25AI Datasheet HTML 19Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
CY7C024AV/025AV/026AV
CY7C0241AV/0251AV/036AV
Document #: 38-06052 Rev. *H
Page 17 of 19
Ordering Information
4K x16 3.3V Asynchronous Dual-Port SRAM
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
15
CY7C024AV-15AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C024AV-15AXI
A100
100-Pin Lead-free Thin Quad Flat Pack
20
CY7C024AV-20AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C024AV-20AXC
A100
100-Pin Lead-free Thin Quad Flat Pack
CY7C024AV-20AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C024AV-20AXI
A100
100-Pin Lead-free Thin Quad Flat Pack
25
CY7C024AV-25AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C024AV-25AXC
A100
100-Pin Lead-free Thin Quad Flat Pack
CY7C024AV-25AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C024AV-25AXI
A100
100-Pin Lead-free Thin Quad Flat Pack
8K x16 3.3V Asynchronous Dual-Port SRAM
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
20
CY7C025AV-20AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C025AV-20AXC
A100
100-Pin Lead-free Thin Quad Flat Pack
CY7C025AV-20AXI
A100
100-Pin Lead-free Thin Quad Flat Pack
Industrial
25
CY7C025AV-25AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C025AV-25AXC
A100
100-Pin Lead-free Thin Quad Flat Pack
CY7C025AV-25AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C025AV-25AXI
A100
100-Pin Lead-free Thin Quad Flat Pack
16K x16 3.3V Asynchronous Dual-Port SRAM
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
20
CY7C026AV-20AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C026AV-20AXC
A100
100-Pin Lead-free Thin Quad Flat Pack
CY7C026AV-20AXI
A100
100-Pin Lead-free Thin Quad Flat Pack
Industrial
25
CY7C026AV-25AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C026AV-25AXC
A100
100-Pin Lead-free Thin Quad Flat Pack
CY7C026AV-25AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C026AV-25AXI
A100
100-Pin Lead-free Thin Quad Flat Pack
4K x18 3.3V Asynchronous Dual-Port SRAM
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
20
CY7C0241AV-20AC
A100
100-Pin Thin Quad Flat Pack
Commercial
25
CY7C0241AV-25AC
A100
100-Pin Thin Quad Flat Pack
Commercial
8K x18 3.3V Asynchronous Dual-Port SRAM
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
20
CY7C0251AV-20AC
A100
100-Pin Thin Quad Flat Pack
Commercial
25
CY7C0251AV-25AC
A100
100-Pin Thin Quad Flat Pack
Commercial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com