Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1302S Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1302S
Description  Trickle-Charge Timekeeping Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1302S Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1302S Datasheet HTML 1Page - Dallas Semiconductor DS1302S Datasheet HTML 2Page - Dallas Semiconductor DS1302S Datasheet HTML 3Page - Dallas Semiconductor DS1302S Datasheet HTML 4Page - Dallas Semiconductor DS1302S Datasheet HTML 5Page - Dallas Semiconductor DS1302S Datasheet HTML 6Page - Dallas Semiconductor DS1302S Datasheet HTML 7Page - Dallas Semiconductor DS1302S Datasheet HTML 8Page - Dallas Semiconductor DS1302S Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DS1302 Trickle-Charge Timekeeping Chip
3 of 16
Figure 1. Block Diagram
TYPICAL OPERATING CHARACTERISTICS
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
POWER
CONTROL
v
CC1
v
CC2
GND
INPUT
SHIFT
REGISTERS
I/O
SCLK
COMMAND AND
CONTROL LOGIC
REAL-TIME
CLOCK
31 x 8 RAM
OSCILLATOR
AND
COUNTDOWN
CHAIN
X1
X2
CE
1Hz
DS1302
ICC2T vs. VCC2T
5
10
15
20
25
30
2.03.0
4.05.0
VCC2 (V)
ICC1T vs. VCC1T
100
150
200
250
300
350
400
2.0
3.0
4.0
5.0
VCC1 (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com