Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1339 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1339
Description  I2C Serial Real-Time Clock
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1339 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1339_06 Datasheet HTML 1Page - Maxim Integrated Products DS1339_06 Datasheet HTML 2Page - Maxim Integrated Products DS1339_06 Datasheet HTML 3Page - Maxim Integrated Products DS1339_06 Datasheet HTML 4Page - Maxim Integrated Products DS1339_06 Datasheet HTML 5Page - Maxim Integrated Products DS1339_06 Datasheet HTML 6Page - Maxim Integrated Products DS1339_06 Datasheet HTML 7Page - Maxim Integrated Products DS1339_06 Datasheet HTML 8Page - Maxim Integrated Products DS1339_06 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DS1339 I
2C Serial Real-Time Clock
2 of 19
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground………………………………………………………………-0.3V to +6.0V
Operating Temperature Range (Noncondensing)………………………………………………………….-40°C to +85°C
Storage Temperature Range………………………………………………………………………………..-55°C to +125°C
Soldering Temperature Range………….See precautions in the Handling, PC Board Layout, and Assembly section.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DS1339-2
1.8
2.0
2.2
DS1339-3
2.7
3.0
3.3
Supply Voltage
VCC
DS1339-33
2.97
3.3
5.5
V
Backup Supply Voltage
VBACKUP
1.3
3.0
3.7
V
Pullup Resistor Voltage (SQW/
INT,
SDA, SCL), VCC = 0V
VPU
5.5
V
Logic 1
VIH
0.7 x
VCC
VCC +
0.3
V
Logic 0
VIL
-0.3
+0.3 x
VCC
V
DS1339-2
1.58
1.70
1.80
DS1339-3
2.45
2.59
2.70
Power-Fail Voltage
VPF
DS1339-33
2.70
2.85
2.97
V
DC ELECTRICAL CHARACTERISTICS
(VCC = MIN to MAX, TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage
ILI
(Note 2)
1
µA
I/O Leakage
ILO
(Note 3)
1
µA
Logic 0 Out
VOL = 0.4V; VCC > VCC MIN (-3, -33);
VCC ≥ 2.0V (-2)
IOL
(Note 3)
3
mA
Logic 0 Out
VOL = 0.2 (VCC);
1.8V < VCC < 2.0V (DS1339-2)
IOL
(Note 3)
3
mA
Logic 0 Out
VOL = 0.2 (VCC);
1.3V < VCC < 1.8V (DS1339-2)
IOL
(Note 3)
250
µA
VCC Active Current
ICCA
(Note 4)
450
µA
VCC ≤ 3.63V
80
150
VCC Standby Current (Note 5)
ICCS
3.63V < VCC ≤ 5.5V
200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com