Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1284Q/T Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1284Q/T
Description  Watchdog Timekeepers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1284Q/T Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1284Q/T Datasheet HTML 6Page - Dallas Semiconductor DS1284Q/T Datasheet HTML 7Page - Dallas Semiconductor DS1284Q/T Datasheet HTML 8Page - Dallas Semiconductor DS1284Q/T Datasheet HTML 9Page - Dallas Semiconductor DS1284Q/T Datasheet HTML 10Page - Dallas Semiconductor DS1284Q/T Datasheet HTML 11Page - Dallas Semiconductor DS1284Q/T Datasheet HTML 12Page - Dallas Semiconductor DS1284Q/T Datasheet HTML 13Page - Dallas Semiconductor DS1284Q/T Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DS1284/DS1286
10 of 18
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Input Capacitance
CIN
7
10
pF
Output Capacitance
COUT
7
10
pF
Input/Output Capacitance
CI/O
7
10
pF
AC ELECTRICAL CHARACTERISTICS
(VCC = 4.5V to 5.5V, TA = -40°C to +85°C or 0°C to +70°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Read Cycle Time
tRC
150
ns
1
Address Access Time
tACC
150
ns
CE Access Time
tCO
150
ns
OE Access Time
tOE
60
ns
OE or CE to Output Active
tCOE
10
ns
Output High-Z from Deselect
tOD
60
ns
Output Hold from Address Change
tOH
10
ns
Write Cycle Time
tWC
150
ns
Write Pulse Width
tWP
140
ns
3
Address Setup Time
tAW
0
ns
Write Recovery Time
tWR
10
ns
Output High-Z from
WE
tODW
50
ns
Output Active from
WE
tOEW
10
ns
Data Setup Time
tDS
45
ns
4
Data Hold Time
tDH
0
ns
4,5
INTA, INTB Pulse Width
tIPW
3
ms
11,12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com