Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1305E/T Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1305E/T
Description  Serial Alarm Real-Time Clock
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1305E/T Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1305E/T Datasheet HTML 4Page - Dallas Semiconductor DS1305E/T Datasheet HTML 5Page - Dallas Semiconductor DS1305E/T Datasheet HTML 6Page - Dallas Semiconductor DS1305E/T Datasheet HTML 7Page - Dallas Semiconductor DS1305E/T Datasheet HTML 8Page - Dallas Semiconductor DS1305E/T Datasheet HTML 9Page - Dallas Semiconductor DS1305E/T Datasheet HTML 10Page - Dallas Semiconductor DS1305E/T Datasheet HTML 11Page - Dallas Semiconductor DS1305E/T Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
DS1305
8 of 21
STATUS REGISTER (READ 10H)
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
0
0
0
0
0
0
IRQF1
IRQF0
IRQF0 (Interrupt 0 Request Flag) – A logic 1 in the interrupt request flag bit indicates that the current
time has matched the Alarm 0 registers. If the AIE0 bit is also a logic 1, the INT0 pin goes low. IRQF0 is
cleared when the address pointer goes to any of the Alarm 0 registers during a read or write.
IRQF1 (Interrupt 1 Request Flag) – A logic 1 in the interrupt request flag bit indicates that the current
time has matched the Alarm 1 registers. This flag can be used to generate an interrupt on either INT0 or
INT1
depending on the status of the INTCN bit in the control register. If the INTCN bit is set to a logic 1
and IRQF1 is at a logic 1 (and AIE1 bit is also a logic 1), the INT1 pin goes low. If the INTCN bit is set
to a logic 0 and IRQF1 is at a logic 1 (and AIE1 bit is also a logic 1), the INT0 pin goes low. IRQF1 is
cleared when the address pointer goes to any of the Alarm 1 registers during a read or write.
TRICKLE CHARGE REGISTER (READ 11H, WRITE 91H)
This register controls the trickle charge characteristics of the DS1305. The simplified schematic of Figure
3 shows the basic components of the trickle charger. The trickle-charge select (TCS) bits (bits 4–7)
control the selection of the trickle charger. To prevent accidental enabling, only a pattern of 1010 enables
the trickle charger. All other patterns disable the trickle charger. On the initial application of power, the
DS1305 powers up with the trickle charger disabled. The diode select (DS) bits (bits 2–3) select whether
one diode or two diodes are connected between VCC1 and VCC2. The resistor select (RS) bits select the
resistor that is connected between VCC1 and VCC2. The resistor and diodes are selected by the RS and DS
bits, as shown in Table 2.
Figure 3. PROGRAMMABLE TRICKLE CHARGER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com