Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSM5JS6SMTR Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # FSM5JS6SMTR
Description  ALCOSWITCH SEALED TACTILE SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FSM5JS6SMTR Datasheet(HTML) 9 Page - TE Connectivity Ltd

  FSM5JS6SMTR Datasheet HTML 1Page - TE Connectivity Ltd FSM5JS6SMTR Datasheet HTML 2Page - TE Connectivity Ltd FSM5JS6SMTR Datasheet HTML 3Page - TE Connectivity Ltd FSM5JS6SMTR Datasheet HTML 4Page - TE Connectivity Ltd FSM5JS6SMTR Datasheet HTML 5Page - TE Connectivity Ltd FSM5JS6SMTR Datasheet HTML 6Page - TE Connectivity Ltd FSM5JS6SMTR Datasheet HTML 7Page - TE Connectivity Ltd FSM5JS6SMTR Datasheet HTML 8Page - TE Connectivity Ltd FSM5JS6SMTR Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
te.com
©2025 TE Connectivity plc. family of companies. All Rights Reserved.
TE, TE Connectivity, ALCOSWITCH, TE connectivity (logo) and Every Connection Counts are trademarks owned or licensed by the TE Connectivity plc. family of companies. All
other logos, products and/or company names referred to herein might be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this document, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any changes to the information contained herein
without prior notice. TE Connectivity assumes only those obligations set forth in the terms and conditions for this product and shall in no event be liable for any incidental,
indirect, or consequential damages arising out of the sale, resale, use, or misapplication of the product. TE expressly disclaims any implied warranties with respect to the
information contained herein, including, but not limited to, implied warranties of merchantability or fitness for a particular purpose. Dimensions, specifications and/or information
contained herein are for reference purposes only and are subject to change without notice. Consult TE for the latest dimensions, specifications and/or information. Users of TE
Connectivity products must make their own assessment as to whether the respective product is suitable for the respective desired application.
05/25
ED
PRECISION TECHNOLOGY SOLUTIONS / ALCOSWITCH SEALED TACTILE SWITCHES
TE Smart Part Number
Description
Packaging Type
Lifecycle (cycles)
TCPN
UMSBSMTR
3.0 x 2.0 x 0.6, 160gf, IP67, Tact
Tape & Reel
300,000
2425753-1
UMSCSMTR
3.0 x 2.0 x 0.6, 240gf, IP67, Tact
Tape & Reel
300,000
2425753-2
UMSASMTR
3.0 x 2.0 x 0.6, 100gf, IP67, Tact
Tape & Reel
300,000
2425753-3
UMSDSMTR
3.0 x 2.0 x 0.6, 330gf, IP67, Tact
Tape & Reel
300,000
2425753-4
Part Number
UMS
_
_
_
Actuator Force
A
100 gf
B
160 gf
C
260 gf
D
320 gf
Packaging Style
Blank
Bulk
TR
Tape/Reel
Mounting Style
SM
Surface Mount
UMS: ULTRA MINIATURE SERIES
PRODUCT INFORMATION
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com