Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C025-35AI Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # CY7C025-35AI
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C025-35AI Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button CY7C025-35AI Datasheet HTML 13Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 14Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 15Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 16Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 17Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 18Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 19Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 20Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 21Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
CY7C024/0241
CY7C025/0251
Document #: 38-06035 Rev. *C
Page 18 of 21
25
CY7C025–25AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C025-25AXC
A100
100-Pin Lead Free Thin Quad Flat Pack
CY7C025–25JC
J83
84-Lead Plastic Leaded Chip Carrier
CY7C025-25JXC
J83
84-Lead Lead Free Plastic Leaded Chip Carrier
CY7C025–25AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C025-25AXI
A100
100-Pin Lead Free Thin Quad Flat Pack
CY7C025–25JI
J83
84-Lead Plastic Leaded Chip Carrier
CY7C025-25JXI
J83
84-Lead Lead Free Plastic Leaded Chip Carrier
35
CY7C025–35AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C025-35AXC
A100
100-Pin Lead Free Thin Quad Flat Pack
CY7C025–35JC
J83
84-Lead Plastic Leaded Chip Carrier
CY7C025-35JXC
J83
84-Lead Lead Free Plastic Leaded Chip Carrier
CY7C025–35AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C025-35AXI
A100
100-Pin Lead Free Thin Quad Flat Pack
CY7C025–35JI
J83
84-Lead Plastic Leaded Chip Carrier
CY7C025-35JXI
J83
84-Lead Lead Free Plastic Leaded Chip Carrier
55
CY7C025–55AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C025-55AXC
A100
100-Pin Lead Free Thin Quad Flat Pack
CY7C025–55JC
J83
84-Lead Plastic Leaded Chip Carrier
CY7C025-55JXC
J83
84-Lead Lead Free Plastic Leaded Chip Carrier
CY7C025–55AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C025-55AXI
A100
100-Pin Lead Free Thin Quad Flat Pack
CY7C025–55JI
J83
84-Lead Plastic Leaded Chip Carrier
CY7C025-55JXI
J83
84-Lead Lead Free Plastic Leaded Chip Carrier
Ordering Information (4K x 18 Dual-Port SRAM)
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
15
CY7C0241–15AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C0241-15AXC
A100
100-Pin Lead Free Thin Quad Flat Pack
CY7C0241–15AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C0241-15AXI
A100
100-Pin Lead Free Thin Quad Flat Pack
25
CY7C0241–25AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C0241-25AXC
A100
100-Pin Lead Free Thin Quad Flat Pack
CY7C0241–25AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C0241-25AXI
A100
100-Pin Lead Free Thin Quad Flat Pack
35
CY7C0241–35AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C0241-35AXC
A100
100-Pin Lead Free Thin Quad Flat Pack
CY7C0241–35AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C0241-35AXI
A100
100-Pin Lead Free Thin Quad Flat Pack
55
CY7C0241–55AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C0241-55AXC
A100
100-Pin Lead Free Thin Quad Flat Pack
CY7C0241–55AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C0241-55AXI
A100
100-Pin Lead Free Thin Quad Flat Pack
Ordering Information (8K x 16 Dual-Port SRAM) (continued)
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com