Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDB2116M Datasheet(PDF) 2 Page - Potens Semiconductor Corp.

Part # PDB2116M
Description  20V NP Dual Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDB2116M Datasheet(HTML) 2 Page - Potens Semiconductor Corp.

  PDB2116M Datasheet HTML 1Page - Potens Semiconductor Corp. PDB2116M Datasheet HTML 2Page - Potens Semiconductor Corp. PDB2116M Datasheet HTML 3Page - Potens Semiconductor Corp. PDB2116M Datasheet HTML 4Page - Potens Semiconductor Corp. PDB2116M Datasheet HTML 5Page - Potens Semiconductor Corp. PDB2116M Datasheet HTML 6Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Potens semiconductor corp.
Ver.1.00
2
PDB2116M
20V N+P Dual Channel MOSFETs
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
20
---
---
V
△BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.02
---
V/℃
IDSS
Drain-Source Leakage Current
VDS=16V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=16V , VGS=0V , TJ=125℃
---
---
10
uA
IGSS
Gate-Source Leakage Current
VGS=±10V , VDS=0V
---
---
±100
nA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=4.5V , ID=3A
---
30
40
m
VGS=2.5V , ID=2A
---
42
55
m
VGS=1.8V , ID=1.5A
55
70
m
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
0.3
0.6
1
V
△VGS(th)
VGS(th) Temperature Coefficient
---
-2
---
mV/℃
gfs
Forward Transconductance
VDS=10V , ID=2A
---
4.4
---
S
Dynamic and switching Characteristics
Qg
Total Gate Charge2 , 3
VDS=10V , VGS=4.5V , ID=3A
---
5.8
10
nC
Qgs
Gate-Source Charge2 , 3
---
0.6
1.5
Qgd
Gate-Drain Charge2 , 3
---
1.5
3
Td(on)
Turn-On Delay Time2 , 3
VDD=10V , VGS=4.5V , RG=25
ID=1A
---
2.9
6
ns
Tr
Rise Time2 , 3
---
8.4
16
Td(off)
Turn-Off Delay Time2 , 3
---
19.2
38
Tf
Fall Time2 , 3
---
5.6
12
Ciss
Input Capacitance
VDS=15V , VGS=0V , F=1MHz
---
315
600
pF
Coss
Output Capacitance
---
50
80
Crss
Reverse Transfer Capacitance
---
40
60
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
3.8
A
ISM
Pulsed Source Current
---
---
7.6
A
VSD
Diode Forward Voltage
VGS=0V , IS=1A , TJ=25℃
---
---
1
V
N-CH Electrical Characteristics (T
J=25 ℃, unless otherwise)
noted)
Drain-Source Diode Characteristics and Maximum Ratings
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%.
3.
Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com