Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1500YEN Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1500YEN
Description  Y2K Watchdog RTC with Nonvolatile Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1500YEN Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1500YEN Datasheet HTML 1Page - Maxim Integrated Products DS1500YEN Datasheet HTML 2Page - Maxim Integrated Products DS1500YEN Datasheet HTML 3Page - Maxim Integrated Products DS1500YEN Datasheet HTML 4Page - Maxim Integrated Products DS1500YEN Datasheet HTML 5Page - Maxim Integrated Products DS1500YEN Datasheet HTML 6Page - Maxim Integrated Products DS1500YEN Datasheet HTML 7Page - Maxim Integrated Products DS1500YEN Datasheet HTML 8Page - Maxim Integrated Products DS1500YEN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DS1500 Y2KC Watchdog RTC with Nonvolatile Control
2 of 19
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………………………………..-0.5V to +6.0V
Operating Temperature Range
…………………………………………………………-40°C to +85°C (Note 1)
Storage Temperature Range
………………………………………………………………….-55°C to +125°C
Soldering Temperature
……………………………………………….See IPC/JEDEC J-STD-020 Specification
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
5V (Y)
4.5
5.0
5.5
Power Supply Voltage (Note 2)
VCC
3.3V (W)
3.0
3.3
3.6
V
Y
2.2
VCC +
0.3
Logic 1 Voltage All Inputs (Note 2)
VIH
W
2.0
VCC +
0.3
V
Pullup Voltage,
IRQ, PWR, and RST Outputs
VPU
(Note 2)
5.5
V
Y
-0.3
+0.8
Logic 0 Voltage All Inputs (Note 2)
VIL
W
-0.3
+0.6
V
Battery Voltage (Note 2)
VBAT
2.5
3.0
3.7
V
Y
2.5
3.0
5.3
Auxiliary Battery Voltage (Note 2)
VBAUX
W
2.5
3.0
3.7
V
DC ELECTRICAL CHARACTERISTICS
(VCCMIN < VCCI < VCCMAX, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Y
15
Active Supply Current (Note 3)
ICC
W
10
mA
Y
5
TTL Standby Current (CS = VIH)
ICC1
W
4
mA
Y
5
CMOS Standby Current
(CS
≥ VCCI - 0.2V)
ICC2
W
4
mA
Input Leakage Current (Any Input)
IIL
-1
+1
µA
Output Leakage Current (Any Output)
IOL
-1
+1
µA
Output Logic 1 Voltage (IOUT = -1.0mA)
VOH
(Note 2)
2.4
V
VOL1
(Note 2)
0.4
V
Output Logic 0 Voltage (IOUT = 2.1mA,
DQ0–7,
CEO IOUT = 5.0mA, IRQ,
IOUT = 7.0mA PWR, and RST)
VOL2
(Notes 2, 4)
0.4
V
Y
2.0
Battery Low, Flag Trip Point (Note 2)
VBLF
W
1.9
V
Y
Output Voltage (ICCO1 = 85mA ) (Note 5)
VCCO1
W
VCCI -
0.3
V
Y
4.20
4.50
Power-Fail Voltage (Note 2)
VPF
W
2.75
2.97
V
Battery Switchover Voltage
VSO
(Notes 2, 6)
VBAT,
VBAUX,
or VPF
V
Output Voltage (ICCO2 = 50µA)
VCCO2
(Note 7)
VBAT -
0.3
V
Battery Leakage Current
ILKG
10
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com