Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1673S-3 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1673S-3
Description  Portable System Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1673S-3 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1673S-3 Datasheet HTML 1Page - Maxim Integrated Products DS1673S-3 Datasheet HTML 2Page - Maxim Integrated Products DS1673S-3 Datasheet HTML 3Page - Maxim Integrated Products DS1673S-3 Datasheet HTML 4Page - Maxim Integrated Products DS1673S-3 Datasheet HTML 5Page - Maxim Integrated Products DS1673S-3 Datasheet HTML 6Page - Maxim Integrated Products DS1673S-3 Datasheet HTML 7Page - Maxim Integrated Products DS1673S-3 Datasheet HTML 8Page - Maxim Integrated Products DS1673S-3 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DS1673
2 of 18
DETAILED DESCRIPTION
The microprocessor monitor circuitry of the DS1673 provides three basic functions. First, a precision
temperature-compensated reference and comparator circuit monitors the status of VCC. When an out-of-
tolerance condition occurs, an internal power-fail signal is generated which forces the reset to the active
state. When VCC returns to an in-tolerance condition, the reset signals are kept in the active state for
250 ms to allow the power supply and processor to stabilize. The second microprocessor monitor function
is pushbutton reset control. The DS1673 debounces a pushbutton input and guarantees an active reset
pulse width of 250 ms. The third function is a watchdog timer. The DS1673 has an internal timer that
forces the reset signals to the active state if the strobe input is not driven low prior to watchdog timeout.
The DS1673 also provides a 3-channel, 8-bit successive approximation analog-to-digital converter. The
converter has an internal 2.55V (typical) reference voltage generated by an on-board band-gap circuit.
The ADC is monotonic (no missing codes) and has an internal analog filter to reduce high frequency
noise.
OPERATION
The block diagram in Figure 1 shows the main elements of the DS1673. The following paragraphs
describe the function of each pin.
DS1673 BLOCK DIAGRAM Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com