Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2004000000 Datasheet(PDF) 1 Page - Weidmuller

Part # 2004000000
Description  BLL 5.08/03/90 3.2 SN GN BX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2004000000 Datasheet(HTML) 1 Page - Weidmuller

  2004000000 Datasheet HTML 1Page - Weidmuller 2004000000 Datasheet HTML 2Page - Weidmuller 2004000000 Datasheet HTML 3Page - Weidmuller 2004000000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data sheet
BLL 5.08/03/90 3.2 SN GN BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
Product image
Female header for PCB mounting. The solder pin length is
optimised for wave flow soldering.
General ordering data
 
Version
PCB plug-in connector, female header, closed
side, THT solder connection, 5.08 mm, Number of
poles: 3, 90°, Solder pin length (l): 3.2 mm, tinned,
Pale green, Box
Order No.
2004000000
Type
BLL 5.08/03/90 3.2 SN GN BX
GTIN (EAN)
4050118388312
Qty.
120 items
Product data
IEC: 400 V / 23 A
UL: 300 V / 15 A
Packaging
Box
 
 
Creation date 02.01.2026 04:55:32 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 2004000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2004010000 WEIDMULLER-2004010000 Datasheet
365Kb / 7P
BLZP 5.08HC/04/270 SN BK BX PRT
logo
Shanghai Leiditech Elec...
2004010207109463 LEIDITECH-2004010207109463 Datasheet
673Kb / 5P
This product is suitable for various kinds of electronic machines to work for over current protection.
logo
NOSHOK, INC.
200402 NOSHOK-200402 Datasheet
588Kb / 4P
Narrow Block & Bleed, Hard Seat & Soft Seat
200402-MFC NOSHOK-200402-MFC Datasheet
588Kb / 4P
Narrow Block & Bleed, Hard Seat & Soft Seat
200402-MFC-P1-T1 NOSHOK-200402-MFC-P1-T1 Datasheet
588Kb / 4P
Narrow Block & Bleed, Hard Seat & Soft Seat
More results

Similar Description - 2004000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1000040001 WEIDMULLER-1000040001 Datasheet
74Kb / 3P
BLF 5.08/03/90 SN BK BX
1000050001 WEIDMULLER-1000050001 Datasheet
74Kb / 3P
BLF 5.08/04/90 SN BK BX
1000090001 WEIDMULLER-1000090001 Datasheet
74Kb / 3P
BLF 5.08/08/90 SN BK BX
1012650000 WEIDMULLER-1012650000 Datasheet
74Kb / 4P
BLF 5.08/03/180F SN BK BX
1013440000 WEIDMULLER-1013440000 Datasheet
74Kb / 4P
BLF 5.08/03/180 SN BK BX
1013690000 WEIDMULLER-1013690000 Datasheet
74Kb / 4P
BLF 5.08/03/180 SN OR BX
1014130000 WEIDMULLER-1014130000 Datasheet
77Kb / 4P
BLF 5.08/03/180LR SN BK BX
1014740000 WEIDMULLER-1014740000 Datasheet
64Kb / 4P
BLF 5.08/03/180LH SN BK BX
1979280000 WEIDMULLER-1979280000 Datasheet
75Kb / 3P
BLF 5.00/03/90 SN BK BX
1982130000 WEIDMULLER-1982130000 Datasheet
73Kb / 3P
BLF 5.08/03/270F SN BK BX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com