Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C0251-35AI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C0251-35AI
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0251-35AI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C0251-35AI Datasheet HTML 3Page - Cypress Semiconductor CY7C0251-35AI Datasheet HTML 4Page - Cypress Semiconductor CY7C0251-35AI Datasheet HTML 5Page - Cypress Semiconductor CY7C0251-35AI Datasheet HTML 6Page - Cypress Semiconductor CY7C0251-35AI Datasheet HTML 7Page - Cypress Semiconductor CY7C0251-35AI Datasheet HTML 8Page - Cypress Semiconductor CY7C0251-35AI Datasheet HTML 9Page - Cypress Semiconductor CY7C0251-35AI Datasheet HTML 10Page - Cypress Semiconductor CY7C0251-35AI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
CY7C024/0241
CY7C025/0251
Document #: 38-06035 Rev. *C
Page 7 of 21
Maximum Ratings [9]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65°C to +150°C
Ambient Temperature with
Power Applied.............................................–55°C to +125°C
Supply Voltage to Ground Potential ............... –0.3V to +7.0V
DC Voltage Applied to Outputs
in High-Z State ............................................... –0.5V to +7.0V
DC Input Voltage[10]........................................–0.5V to +7.0V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current.................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
5V
± 10%
Industrial
–40°C to +85°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
7C024/0241–15
7C025/0251–15
7C024/0241–25
7C025/0251–25
Unit
Min. Typ. Max. Min. Typ. Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 4.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
2.2
V
VIL
Input LOW Voltage
–0.7
0.8
–0.7
0.8
V
IIX
Input Leakage Current GND
≤ VI ≤ VCC
–10
+10
–10
+10
µA
IOZ
Output Leakage Current Output Disabled,
GND
≤ VO ≤ VCC
–10
+10
–10
+10
µA
ICC
Operating Current
VCC = Max., IOUT = 0 mA,
Outputs Disabled
Com’l
190
300
170
250
mA
Ind
200
320
170
290
ISB1
Standby Current
(Both Ports TTL Levels)
CEL and CER ≥ VIH,
f = fMAX[11]
Com’l
50
70
40
60
mA
Ind
50
70
75
ISB2
Standby Current
(One Port TTL Level)
CEL or CER ≥ VIH,
f = fMAX[11]
Com’l
120
180
100
150
mA
Ind
120
180
100
170
ISB3
Standby Current
(Both Ports CMOS
Levels)
Both Ports CE and CER ≥
VCC – 0.2V, VIN ≥ VCC – 0.2V
or VIN ≤ 0.2V, f = 0[11]
Com’l
3
15
3
15
mA
Ind
3
15
3
15
ISB4
Standby Current
(Both Ports CMOS
Levels)
One Port CEL or
CER ≥ VCC – 0.2V,
VIN ≥ VCC – 0.2V or VIN ≤ 0.2V,
Active Port Outputs, f = fMAX[11]
Com’l
110
160
90
130
mA
Ind
110
160
90
150
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
7C024/0241–35
7C025/0251–35
7C024/0241–55
7C025/0251–55
Unit
Min. Typ. Max. Min. Typ. Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 4.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
2.2
V
VIL
Input LOW Voltage
–0.7
0.8
–0.7
0.8
V
IIX
Input Leakage Current
GND
≤ VI ≤ VCC
–10
+10
–10
+10
µA
IOZ
Output Leakage Current Output Disabled, GND
≤ VO ≤ VCC
–10
+10
–10
+10
µA
Notes:
9. The voltage on any input or sI/O pin cannot exceed the power pin during power-up
10. Pulse width < 20 ns.
11. fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except output enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level
standby ISB3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com