Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0111 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0111
Description  HSOP-44 to DIP-48 SMT Adapter (0.65 mm pitch, 16 x 11 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0111 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0111 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0111 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
HSOP-44 to DIP-48 SMT Adapter (0.65 mm pitch, 16 x 11 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
11.20
B
2.00
C
0.35
B2
6.85
C2
16.00
D
0.30
D2
2.175
E
0.65
F
0.800
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2013 Proto Advantage
A
B
C
D
E
B2
C2
D2
IIIP
P
PC
C
C0
0
01
1
11
1
11
1
1


Similar Part No. - IPC0111

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0110 PROTOADVANTAGE-IPC0110 Datasheet
44Kb / 2P
QFN-16 to DIP-20 SMT Adapter (0.5 mm pitch, 3.5 x 3.5 mm body)
revision 1.0
IPC0112 PROTOADVANTAGE-IPC0112 Datasheet
44Kb / 2P
DFN-24 to DIP-28 SMT Adapter (0.5 mm pitch, 7.0 x 4.0 mm body)
revision 1.0
IPC0113 PROTOADVANTAGE-IPC0113 Datasheet
44Kb / 2P
QFN-20 to DIP-24 SMT Adapter (0.5 mm pitch, 3.0 x 3.0 mm body)
revision 1.0
IPC0114 PROTOADVANTAGE-IPC0114 Datasheet
44Kb / 2P
PowerSSO-28 to DIP-32 SMT Adapter (0.65 mm pitch, 10.35 x 7.5 mm body)
revision 1.0
IPC0115 PROTOADVANTAGE-IPC0115 Datasheet
44Kb / 2P
DFN-14 to DIP-18 SMT Adapter (0.5 mm pitch, 5.0 x 5.0 mm body)
revision 1.0
More results

Similar Description - IPC0111

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNP105011 PANASONIC-LNP105011 Datasheet
90Kb / 1P
288 X 96 mm 5 mm 48 X 16 Dots
logo
MTRONPTI
M1253 MTRONPTI-M1253 Datasheet
253Kb / 1P
Surface Mount Crystal 2.5 x 3.2 x 0.65 mm
logo
Aries Electronics, Inc.
48-6645-18 ARIES-48-6645-18 Datasheet
527Kb / 1P
48-Pin 0.5mm QFP-to-48-Pin 0.600" DIP Adapter
logo
Kingbright Corporation
APGF0606VGTPBTSEETC KINGBRIGHT-APGF0606VGTPBTSEETC Datasheet
334Kb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APGF0606VGTPBTSEETC TO-GRACE-APGF0606VGTPBTSEETC Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
APG0603RWF-TT-5MAV TO-GRACE-APG0603RWF-TT-5MAV Datasheet
766Kb / 4P
0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
APG0603SEC-E-TT TO-GRACE-APG0603SEC-E-TT Datasheet
832Kb / 4P
0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
KPGF-0606GBRC-120 TO-GRACE-KPGF-0606GBRC-120 Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
Transko Electronics, In...
TCFL0402CF TRANSKO-TCFL0402CF Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
logo
EHAOAN.
EH-C201KSKT EHAOAN-EH-C201KSKT Datasheet
1Mb / 8P
Dimension( L/W/H) : 0.65 x 0.35 x 0.4 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com