Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX55C Datasheet(PDF) 3 Page - Continental Device India Limited

Part # BZX55C
Description  SILIICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BZX55C Datasheet(HTML) 3 Page - Continental Device India Limited

  BZX55C Datasheet HTML 1Page - Continental Device India Limited BZX55C Datasheet HTML 2Page - Continental Device India Limited BZX55C Datasheet HTML 3Page - Continental Device India Limited BZX55C Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DO-35, 52mm Taping Specification
DO-35 Glass Axial Package
52mm Taping Specification
PACKAGE
STANDARD PACK
INNER CARTON BOX
OUTER CARTON BOX
DO-35 T&A
Details
Net Weight/Qty
5K/ammo box
0.88kg/5K pcs
Size
Qty
10"X3.5"X3.5"
5.0K
Size
Qty
Qty
12.7"X12.7"X20" 125.0K 25Kgs
on request also available in 26 mm Tape and Ammo Pack
Packing Detail
BZX55C
2.4V to 120V
500mW
DO- 35
Glass Axial Package
Continental Device India Limited
Data Sheet
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com