Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WP26DK-P034VA3-R15000 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # WP26DK-P034VA3-R15000
Description  Board-to-Board (FPC) Connector, 34 pos., 0.35mm pitch, 0.6mm stacking height, SMT, with power terminals, Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WP26DK-P034VA3-R15000 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  WP26DK-P034VA3-R15000 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WP26DK-P034VA3-R15000 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WP26DK-P034VA3-R15000 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Material of Insulator
Heat-resistant plastic
PCB Mounted Height
0.49 mm
PCB Boardlock Feature
Hold-down (double as power contact)
Body Length
7.75 mm
Body Breadth
1.81 mm
Total Insertion Force
57 N max.
Total Extraction Force
5.1 N min.
Operating Temperature Range
 -40 Deg. C to +85 Deg. C (General Item)
 -40 Deg. C to +125 Deg. C (Automotive spec tested)
Mating Cycles
30 times
Packaging Type
Embossed tape packaging
Quantity in The Standard
Packaging
15,000 pieces/reel
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
250 substances (25/06/2025)
Mating Connector
WP26DK-S034VA3-R15000
Remarks
*This product is not IATF certified
Notice
Related information
Product Videos
The values specified in this web site are only for reference. The products and their specifications
are subject to change without notice. Contact our sales staff for further information before
considering or ordering any of our products.
For purchase, a product specification must be agreed upon.
1.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com