Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS1807 Datasheet(PDF) 13 Page - Mosel Vitelic, Corp

Part # MSS1807
Description  3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS1807 Datasheet(HTML) 13 Page - Mosel Vitelic, Corp

Back Button MSS1807 Datasheet HTML 9Page - Mosel Vitelic, Corp MSS1807 Datasheet HTML 10Page - Mosel Vitelic, Corp MSS1807 Datasheet HTML 11Page - Mosel Vitelic, Corp MSS1807 Datasheet HTML 12Page - Mosel Vitelic, Corp MSS1807 Datasheet HTML 13Page - Mosel Vitelic, Corp MSS1807 Datasheet HTML 14Page - Mosel Vitelic, Corp MSS1807 Datasheet HTML 15Page - Mosel Vitelic, Corp MSS1807 Datasheet HTML 16Page - Mosel Vitelic, Corp MSS1807 Datasheet HTML 17Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Timing Critical
TP
90% VDD
10% VDD
90% VDD
TR
VSS = 0.0 V
V DD
I.
Acceptable Power On Signal & Ripple
13/39
II.
To play a voice sound
Trigger
Audio
Sound
Busy
Stop
t
RMU
t
T
t
TB
t
BS
t
STP
t
VB
t
PL
t
RMD
PID247*** 09/96
MSS0307/S0607/S0907/S1207/S1507/S1807
MOSEL VITELIC INC.
Specifications subject to change without notice, contact your sales representatives for the most recent information.
(Preliminary)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com