Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1210F104F4R0CT Datasheet(PDF) 4 Page - Multicomp Pro

Part # 1210F104F4R0CT
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1210F104F4R0CT Datasheet(HTML) 4 Page - Multicomp Pro

  1210F104F4R0CT Datasheet HTML 1Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 2Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 3Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 4Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 5Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 6Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 7Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 8Page - Multicomp Pro 1210F104F4R0CT Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Page <4>
V1.0
12/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Capacitance Range
NP0 Dielectric 0201, 0402, 0603, 0805 Sizes
Dielectric
NP0
Size
0201
0402
0603
0805
Rated Voltage
(V DC)
10
16
25
50
100
10
16
25
50
100
10
16
25
50
100
10
16
25
50
100
0.1pF (0R1)
L
L
L
L
L
N
N
N
N
0.2pF (0R2)
L
L
L
L
L
N
N
N
N
0.3pF (0R3)
L
L
L
L
L
N
N
N
N
S
S
S
S
0.4pF (0R4)
L
L
L
L
L
N
N
N
N
S
S
S
S
0.5pF (0R5)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
0.6pF (0R6)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
0.7pF (0R7)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
0.8pF (0R8)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
0.9pF (0R9)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
1.0pF (1R0)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
1.2pF (1R2)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
1.5pF (1R5)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
1.8pF (1R8)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
2.0pF (2R0)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
2.2pF (2R2)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
2.7pF (2R7)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
3.0pF (3R0)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
3.3pF (3R3)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
3.9pF (3R9)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
4.0pF (4R0)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
4.7pF (4R7)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
5.0pF (5R0)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
5.6pF (5R6)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
6.0pF (6R0)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
6.8pF (6R8)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
7.0pF (7R0)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
8.0pF (8R0)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
8.2pF (8R2)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
9.0pF (9R0)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
10pF (100)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
12pF (120)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
15pF (150)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
18pF (180)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
22pF (220)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
27pF (270)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
33pF (330)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
39pF (390)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
47pF (470)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
56pF (560)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
68pF (680)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com