Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9879 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9879
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9879 Datasheet HTML 17Page - Analog Devices AD9879 Datasheet HTML 18Page - Analog Devices AD9879 Datasheet HTML 19Page - Analog Devices AD9879 Datasheet HTML 20Page - Analog Devices AD9879 Datasheet HTML 21Page - Analog Devices AD9879 Datasheet HTML 22Page - Analog Devices AD9879 Datasheet HTML 23Page - Analog Devices AD9879 Datasheet HTML 24Page - Analog Devices AD9879 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD9879
Rev. A | Page 21 of 32
When this bit is set default low, the AD9879 serial port is in
MSB-first format. In MSB-first mode, the instruction byte and
data bytes must be written from the MSB to the LSB. In MSB-
first mode, the serial port internal byte address generator
decrements for each byte of the multibyte communication cycle.
When incrementing from 0x1F, the address generator changes
to 0x00. When decrementing from 0x00, the address generator
changes to 0x1F.
NOTES ON SERIAL PORT OPERATION
The AD9879 serial port configuration bits reside in Bits 6 and 7
of Register 0x00. It is important to note that the configuration
changes immediately upon writing to the last bit of the register.
For multibyte transfers, writing to this register may occur
during the middle of the communication cycle. Care must be
taken to compensate for this new configuration for the
remaining bytes of the current communication cycle.
The same considerations apply to setting the reset bit in
Register 0x00. All other registers are set to their default values,
but the software reset does not affect the bits in Register 0x00.
It is recommended to use only single-byte transfers when
changing serial port configurations or initiating a software
reset.
A write to Bits 1, 2, and 3 of Register 0x00 with the same logic
levels as Bits 7, 6, and 5 (bit pattern: XY1001YX binary) allows
the user to reprogram a lost serial port configuration and to
reset the registers to their default values.
A second write to Register 0x00 with the reset bit low and the
serial port configuration as specified above (XY) reprograms
the OSCIN multiplier setting. A changed fSYSCLK frequency is
stable after a maximum of 200 fMCLK cycles (wake-up time).
CS
R/W N1
N0
A4
A3
A2
A1
A0 D7n D6n
D20 D10 D00
D7n D6n
D20 D10 D00
SCLK
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SDIO
SDO
Figure 10. Serial Register Interface Timing MSB First
D00 D10 D20
D6n D7n
SCLK
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SDIO
SDO
CS
A0
A1
A2
A3
A4
N0
N1 R/W D00 D10 D20
D6n D7n
Figure 11. Serial Register Interface Timing LSB First
SCLK
INSTRUCTION BIT 7
INSTRUCTION BIT 6
tSCLK
tDH
tPWL
tPWH
tDS
SDIO
CS
tDS
Figure 12. Timing Diagram for Register Write to AD9879
SCLK
SDIO
SDO
CS
DATA BIT N
DATA BIT N – 1
tDV
Figure 13. Timing Diagram for Register Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com