Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5382 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5382
Description  700 MHz to 2.7 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5382 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5382 Datasheet HTML 17Page - Analog Devices ADL5382 Datasheet HTML 18Page - Analog Devices ADL5382 Datasheet HTML 19Page - Analog Devices ADL5382 Datasheet HTML 20Page - Analog Devices ADL5382 Datasheet HTML 21Page - Analog Devices ADL5382 Datasheet HTML 22Page - Analog Devices ADL5382 Datasheet HTML 23Page - Analog Devices ADL5382 Datasheet HTML 24Page - Analog Devices ADL5382 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADL5382
Rev. 0 | Page 21 of 28
CHARACTERIZATION SETUPS
Figure 57 to Figure 59 show the general characterization bench
setups used extensively for the ADL5382. The setup shown in
Figure 59 was used to do the bulk of the testing and used sinusoidal
signals on both the LO and RF inputs. An automated Agilent
VEE program was used to control the equipment over the IEEE
bus. This setup was used to measure gain, IP1dB, IIP2, IIP3, I/Q
gain match, and quadrature error. The ADL5382 characterization
board had a 9-to-1 impedance transformer on each of the
differential baseband ports to do the differential-to-single-
ended conversion, which presented a 450 Ω differential load to
each baseband port, when interfaced with 50 Ω test equipment.
For all measurements of the ADL5382, the loss of the RF input
balun (the M/A-COM ETC1-1-13 was used on RF input during
characterization) was de-embedded.
The two setups shown in Figure 57 and Figure 58 were used for
making NF measurements. Figure 57 shows the setup for
measuring NF with no blocker signal applied while Figure 58
was used to measure NF in the presence of a blocker. For both
setups, the noise was measured at a baseband frequency of
10 MHz. For the case where a blocker was applied, the output
blocker was at a 15 MHz baseband frequency. Note that great
care must be taken when measuring NF in the presence of a
blocker. The RF blocker generator must be filtered to prevent its
noise (which increases with increasing generator output power)
from swamping the noise contribution of the ADL5382. At least
30 dB of attention at the RF and image frequencies is desired.
For example, assume a 915 MHz signal applied to the LO inputs of
the ADL5382. To obtain a 15 MHz output blocker signal, the RF
blocker generator is set to 930 MHz and the filters tuned such
that there is at least 30 dB of attenuation from the generator at
both the desired RF frequency (925 MHz) and the image RF
frequency (905 MHz). Finally, the blocker must be removed
from the output (by the 10 MHz low-pass filter) to prevent the
blocker from swamping the analyzer.
HP 6235A
POWER SUPPLY
AGILENT 8665B
SIGNAL GENERATOR
IEEE
PC CONTROLLER
CONTROL
SNS
OUTPUT
AGILENT N8974A
NOISE FIGURE ANALYZER
ADL5382
CHAR BOARD
RF
LO
Q
I
GND
VPOS
LOW-PASS
FILTER
INPUT
R1
50Ω
Figure 57. General Noise Figure Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com