Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3242BCZ-SF3 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG3242BCZ-SF3
Description  2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3242BCZ-SF3 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG3242BCZ-SF3 Datasheet HTML 8Page - Analog Devices ADG3242BCZ-SF3 Datasheet HTML 9Page - Analog Devices ADG3242BCZ-SF3 Datasheet HTML 10Page - Analog Devices ADG3242BCZ-SF3 Datasheet HTML 11Page - Analog Devices ADG3242BCZ-SF3 Datasheet HTML 12Page - Analog Devices ADG3242BCZ-SF3 Datasheet HTML 13Page - Analog Devices ADG3242BCZ-SF3 Datasheet HTML 14Page - Analog Devices ADG3242BCZ-SF3 Datasheet HTML 15Page - Analog Devices ADG3242BCZ-SF3 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADG3242
Rev. A | Page 13 of 16
BUS ISOLATION
A common requirement of bus architectures is low capacitance
loading of the bus. Such systems require bus bridge devices that
extend the number of loads on the bus without exceeding the spec-
ifications. Because the ADG3242 is designed specifically for
applications that do not need drive, yet require simple logic func-
tions, it solves this requirement. The device isolates access to
the bus, thus minimizing capacitance loading.
BUS/
BACKPLANE
LOAD A
LOAD C
LOAD B
LOAD D
BUS SWITCH
LOCATION
Figure 35. Location of Bus Switched in a Bus Isolation Application
HOT PLUG AND HOT SWAP ISOLATION
The ADG3242 is suitable for hot swap and hot plug applications.
The output signal of the ADG3242 is limited to a voltage that
is below the VCC supply, as shown in Figure 30, Figure 32, and
Figure 34. Thus, the switch acts like a buffer to take the impact
from the hot insertion, protecting vital and expensive chipsets
from damage.
In hot plug applications, the system cannot be shut down when
new hardware is being added. To overcome this, a bus switch can
be positioned on the backplane between the bus devices and the
hot plug connectors. The bus switch is turned off during hot plug.
Figure 36 shows a typical example of this type of application.
PLUG-IN
CARD (1)
CARD I/O
CARD I/O
RAM
BUS
CPU
PLUG-IN
CARD (2)
Figure 36. ADG3242 in a Hot Plug Application
There are many systems, such as docking stations, PCI boards for
servers, and line cards for telecommunications switches, that
require the ability to handle hot swapping. If the bus can be isolated
prior to insertion or removal, there is more control over the hot
swap event. This isolation can be achieved using bus switches. The
bus switches are positioned on the hot swap card between the con-
nector and the devices. During hot swap, the ground pin of the
hot swap card must connect to the ground pin of the backplane
before connecting to any other signal or power pins.
ANALOG SWITCHING
Bus switches are used in many analog switching applications,
for example, video graphics. Bus switches can have lower on
resistance, smaller on and off channel capacitance, and better
frequency performance than their analog counterparts. The
bus switch channel itself, consisting solely of an NMOS switch,
limits the operating voltage (see Figure 4 for a typical plot), but
in many cases, this does not present an issue.
HIGH IMPEDANCE DURING POWER-UP/POWER-
DOWN
To ensure the high impedance state during power-up or power-
down, BE must be tied to VCC through a pull-up resistor. The
minimum value of the resistor is determined by the current sink-
ing capability of the driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com