Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VGJ6 Datasheet(PDF) 74 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VGJ6
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VGJ6 Datasheet(HTML) 74 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VGJ6 Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 151 page
background image
GD32H757xx Datasheet
73
used for RS-232 standard communication. The USART/UART includes a programmable baud
rate generator which is capable of dividing the system clock to produce a dedicated clock for
the USART/UART transmitter and receiver.
3.22.
Inter-integrated circuit (I2C)
Up to three I2C bus interfaces can support both master and slave mode with a frequency
up to 1 MHz (Fast mode plus).
Provide arbitration function, optional PEC (packet error checking) generation and
checking.
Supports 7-bit and 10-bit addressing mode and general call addressing mode.
SMBus 3.0 and PMBus 1.3 compatible.
Wakeup from sleep mode and Deep-sleep mode on I2C address match.
The I2C (inter-integrated circuit) module provides an I2C interface which is an industry
standard two-line serial interface for MCU to communicate with external I2C interface. I2C
bus uses two serial lines: a serial data line, SDA, and a serial clock line, SCL. The I2C
interface implements standard I2C protocol with standard mode (up to 100KHz), fast mode
(up to 400KHz) and fast mode plus (up to 1MHz) as well as CRC calculation and checking,
SMBus (system management bus), and PMBus (power management bus).
3.23.
Serial peripheral interface (SPI)
Master or slave operation with full-duplex, half-duplex or simplex mode.
Separate transmit and receive 32-bit FIFO.
Data frame size can be 4 to 32 bits.
Hardware CRC calculation, transmission and checking.
SPI TI mode supported.
Multi-master or multi-slave mode function.
Protect configurations and settings.
Adjustable main device receiver sampling time.
Configurable FIFO thresholds (data packing).
Quad-SPI configuration available in master mode (in SPI3 / 4).
The SPI interface uses 4 pins, among which are the serial data input and output lines (MISO
& MOSI), the clock line (SCK) and the slave select line (NSS). Both SPIs can be served by
the DMA controller. The SPI interface may be used for a variety of purposes, including simplex
synchronous transfers on two lines with a possible bidirectional data line or reliable
communication using CRC checking. Quad-SPI master mode is also supported in SPI3 and
SPI4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com