Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8693SP Datasheet(PDF) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT8693SP
Description  10W Anti-Clipping Mono Class D Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT8693SP Datasheet(HTML) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT8693SP Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT8693SP Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT8693SP Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT8693SP Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT8693SP Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT8693SP Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd. HT8693SP Datasheet HTML 7Page - Jiaxing Heroic Technology Co.,Ltd. HT8693SP Datasheet HTML 8Page - Jiaxing Heroic Technology Co.,Ltd. HT8693SP Datasheet HTML 9Page - Jiaxing Heroic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
HT8693
单声道音频功放
版权所有
©2016, 嘉兴禾润电子科技有限公司
-2-
08/2016 – V1.02
 引脚信息
1
2
3
4
8
7
6
5
ABD
CTRL
VDD
OUT-
IN-
IN+
OUT+
GND
HT8693 顶视图
1
2
3
4
8
7
6
5
CTRL
MUCH
VDD
OUT-
IN-
IN+
OUT+
GND
HT8693B 顶视图
 引脚定义*1
HT8693
SOP8L-PP
引脚号
引脚
名称
I/O
功能
1
ABD
I
AB类模式和D类模式控制端
2
CTRL
I
ACF模式和关断模式控制端
3
VDD
Power
电源
4
OUT-
O
反相输出端(
BTL-)
5
GND
Ground 地
6
OUT+
O
同相输出端(
BTL+)
7
IN+
A
同相输入端(差分
+)
8
IN-
A
反相输入端(差分
-)
HT8693B
SOP8L-PP
引脚号
引脚
名称
I/O
功能
1
CTRL
I
ACF模式和关断模式控制端
2
MUCH
I
静音模式
3
VDD
Power
电源
4
OUT-
O
反相输出端(
BTL-)
5
GND
Ground 地
6
OUT+
O
同相输出端(
BTL+)
7
IN+
A
同相输入端(差分
+)
8
IN-
A
反相输入端(差分
-)
注
1 I: 输入端
O: 输出端
A: 模拟端
当大于
VDD的电压外加于PN保护型端口(ESD保护电路由PMOS和NMOS组成)时,PMOS电路将有漏电流流过。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com