Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7167 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP7167
Description  1.2A LOW DROPOUT REGULATOR WITH POK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7167 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP7167 Datasheet HTML 3Page - Diodes Incorporated AP7167 Datasheet HTML 4Page - Diodes Incorporated AP7167 Datasheet HTML 5Page - Diodes Incorporated AP7167 Datasheet HTML 6Page - Diodes Incorporated AP7167 Datasheet HTML 7Page - Diodes Incorporated AP7167 Datasheet HTML 8Page - Diodes Incorporated AP7167 Datasheet HTML 9Page - Diodes Incorporated AP7167 Datasheet HTML 10Page - Diodes Incorporated AP7167 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AP7167
1.2A LOW DROPOUT REGULATOR WITH POK
AP7167 Rev. 2
8 of 11
JANUARY 2008
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Current Limit vs. Temperature
1.4
1.5
1.6
1.7
1.8
-50
-25
0
25
50
75
100
Temperature (
oC)
VIN =2.8V,Vout=1.8V
VIN =3.3V,Vout=1.8V
Application Note
Input Capacitor
A 1
μF ceramic capacitor is recommended to connect
between IN and GND pins to decouple input power
supply glitch and noise. The amount of the capacitance
may be increased without limit. A lower ESR (Equivalent
Series Resistance) capacitor allows the use of less
capacitance, while higher ESR type requires more
capacitance. This input capacitor should be located as
close as possible to the device to assure input stability
and less noise. For PCB layout, a wide copper trace is
required for both IN and GND.
Output Capacitor
The output capacitor is required to stabilize and help the
transient response of the LDO. The AP7167 is designed
to
have
excellent
transient
response
for
most
applications with a small amount of output capacitance.
The AP7167 is stable for all available types and values
of output capacitors
≥ 4.7μF. The device is also stable
with multiple capacitors in parallel, which can be of any
type of value. Additional capacitance helps to reduce
undershoot
and
overshoot
during
transient.
This
capacitor should be placed as close as possible to OUT
and GND pins for optimum performance.
Adjustable Operation
The AP7167 provides output voltage from 0.8V to 5.0V
through external resistor divider as shown below.
IN
GND
EN
OUT
Enable
FB
VIN
VOUT
POK
100kOhm
R1
R2
AP7167
CIN
COUT
The output voltage is calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
2
1
1
R
R
V
V
REF
OUT
Where VREF=0.8V (the internal reference voltage)
Rearranging
the equation will give the following
equation to find the approximate resistor divider values:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
1
2
1
REF
OUT
V
V
R
R
To maintain the stability of the internal reference voltage,
R2 needs to be kept smaller than 250kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com