Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7173 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7173
Description  1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7173 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7173 Datasheet HTML 1Page - Diodes Incorporated AP7173 Datasheet HTML 2Page - Diodes Incorporated AP7173 Datasheet HTML 3Page - Diodes Incorporated AP7173 Datasheet HTML 4Page - Diodes Incorporated AP7173 Datasheet HTML 5Page - Diodes Incorporated AP7173 Datasheet HTML 6Page - Diodes Incorporated AP7173 Datasheet HTML 7Page - Diodes Incorporated AP7173 Datasheet HTML 8Page - Diodes Incorporated AP7173 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP7173
1.5A LOW DROPOUT LINEAR REGULATOR WITH
PROGRAMMABLE SOFT-START
AP7173 Rev. 4
2 of 15
MARCH 2008
www.diodes.com
© Diodes Incorporated
Pin Assignments
( Top View )
FB
EN
IN
GND
OUT
PG
1
2
5
VCC
IN
3
4
6
8
7
10
9
SS
OUT
DFN3030-10
SOP-8L-EP
SS
VCC
EN
IN
FB
GND
OUT
( Top View )
1
2
3
4
8
7
6
5
PG
Pin Descriptions
PIN #
Pin
Name
SOP-8L-EP
DFN3030-10
Description
IN
1
1, 2
Power Input pin.
PG
2
3
Power-Good pin, open-drain output. When the VOUT is below the
PG threshold the PG pin is driven low; when the VOUT exceeds the
threshold, the PG pin goes into a high-impedance state. To use the
PG pin, use a 10k
Ω to 1MΩ pull-up resistor to pull it up to a supply of
up to 5.5V, which can be higher than the input voltage.
VCC
3
4
Bias Input pin, provides input voltage for internal control circuitry.
This voltage should be higher than the VIN.
EN
4
5
Enable pin. This pin should be driven either high or low and must not
be floating. Driving this pin high enables the regulator, while pulling it
low puts the regulator into shutdown mode.
GND
5
6
Ground.
SS
6
7
Soft-Start pin. Connect a capacitor between this pin and the ground
to set the soft-start ramp time of the output voltage. If no capacitor is
connected, the soft-start time is typically 100µS.
FB
7
8
Feedback pin. Connect this pin to an external voltage divider to set
the output voltage.
OUT
8
9, 10
Regulated Output pin.
Thermal Pad
—
—
Solder this pad to large ground plane for increased thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com