Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEK-COM-10BASET Datasheet(PDF) 13 Page - STMicroelectronics

Part # AEK-COM-10BASET
Description  10BASE-T1S MAC-PHY evaluation board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AEK-COM-10BASET Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AEK-COM-10BASET Datasheet HTML 8Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 9Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 10Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 11Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 12Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 13Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 14Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 15Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Figure 11. AEK-COM-10BASET circuit schematic (10 of 10)
GND
TXD
1
VSS
2
VDD
3
RXD
4
VIO
5
CANL
6
CANH
7
STBY
8
MCP2542WFD
U7
CAN4_L
5V_L5963
GND
60.4
R123
4.7nF
C125
GND
47pF
C124
N.M.
R122
47K
R121
GND
Closed
SB7
Closed
SB8
100nF
C122
10uF
C123
N.M.
R125
60.4
R124
47pF
C126
60
L12
1
2
3
4
L13
744242510
TP48
CAN4_L
TP49
CAN4_H
2
2
1
1
CN2
CAN4_Out
CAN4_TX
CAN4_RX
CAN4_PLUG
CAN4_H
CS1_PLUG
MISO_PLUG
MOSI_PLUG
CLK_PLUG
CS2_PLUG
CS3_PLUG
DSPI0_PLUG
DSPI0_PLUG
PE9
PE8
PE7
PE6
PD4
PD5
INT1
INT2
GPIO1
GPIO2
EMIOS1
EMIOS2
ADC1
ADC2
GND
GND
PLUG_INTERFACE
PLUG_INTERFACE
GND
5V_L5963
3V3_L5963
5V_L5963
3V3_L5963
60
L11
VDD_HV_IO_MAIN
3
1
4
2
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
CN3
PLUG Connector
5V_L5963
3V3_L5963
5V_L5963
3V3_L5963
5V_L5963
3V3_L5963
GND
PE8
PE9
PF6
PD10
PF7
PE6
PE7
PD4
PD5
CAN4_PLUG
PA4
PM14
PD10
PF6
PF7
PF14
PF13
PD7
PA14
PD6
GND
GND
PF14
PF13
PD7
PD6
PA14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com