Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9949 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9949
Description  DOOR ACTUATOR DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9949 Datasheet(HTML) 5 Page - STMicroelectronics

  L9949 Datasheet HTML 1Page - STMicroelectronics L9949 Datasheet HTML 2Page - STMicroelectronics L9949 Datasheet HTML 3Page - STMicroelectronics L9949 Datasheet HTML 4Page - STMicroelectronics L9949 Datasheet HTML 5Page - STMicroelectronics L9949 Datasheet HTML 6Page - STMicroelectronics L9949 Datasheet HTML 7Page - STMicroelectronics L9949 Datasheet HTML 8Page - STMicroelectronics L9949 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/20
L9949
ABSOLUTE MAXIMUM RATINGS
Note: All maximum ratings are absolute ratings. Leaving the limitation of anyone of these values may cause an irreversible damage of the
integrated circuit!
ESD PROTECTION
THERMAL DATA
Temperature warning and thermal shutdown:
Symbol
Parameter
Value
Unit
VS
DC supply voltage
-0.3...28
V
single pulse tmax < 400 ms
40
V
VCC
stabilized supply voltage, logic supply
-0.3 to 6
V
VDI VDO
VCLK ,
VCSN
digital input / output voltage
-0.3 to VCC + 0.3
V
VCM
current monitor output
-0.3 to VCC + 0.3
V
IOUT1,OUT2,
OUT6
output current
±10
A
IOUT3,OUT5
output current
±5
A
Parameter
Value
All pins
±2(1)
(1)
HBM according to MIL 883C, Methode 3015.7 or EIA/JESD22-A114-A
kV
output pins: OUT1 – OUT6
±4(2)
(2)
HBM with all unzapped pins grounded
kV
Symbol
Parameter
Value
Unit
Operating junction temperature:
Tj
Operating Junction Temperature
-40 to 150
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
TjTW ON
Temperature Warning Threshold
Junction Temperature
Tj increasing
150
°C
TjTW OFF Temperature Warning Threshold
Junction Temperature
Tj decreasing
120
°C
TjTW HYS Temperature Warning Hysteresis
10
K
TjSD ON
Thermal Shutdown Threshold
Junction Temperature
Tj increasing
180
°C
TjSD OFF Thermal Shutdown Threshold
Junction Temperature
Tj decreasing
150
°C
TjSD HYS Thermal Shutdown Hysteresis
10
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com