Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS4260L Datasheet(PDF) 2 Page - STMicroelectronics

Part # IPS4260L
Description  IO-Link actuator for industrial tower light based on L6364Q and IPS4260L
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS4260L Datasheet(HTML) 2 Page - STMicroelectronics

  IPS4260L Datasheet HTML 1Page - STMicroelectronics IPS4260L Datasheet HTML 2Page - STMicroelectronics IPS4260L Datasheet HTML 3Page - STMicroelectronics IPS4260L Datasheet HTML 4Page - STMicroelectronics IPS4260L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1
Specifications
Board specifications are provided in the following table.
Table 1. EVLIOL4LSV1 - specifications
Parameter
Value
Supply voltage
Nominal
24V DC
Full operating range
18V ~ 30V DC
Maximum current
DC(1)
2A
Transmission rate
IO-Link
COM3 (230.4kbps)
1. Actual maximum current could be limited by power dissipation.
EVLIOL4LSV1
Specifications
DB5300 - Rev 2
page 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com