Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUT-GREEN Datasheet(PDF) 2 Page - Structured Cable Products Inc.

Part # LUT-GREEN
Description  CONTROL/KEYPAD- 2C/22 AWG SHIELDED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

LUT-GREEN Datasheet(HTML) 2 Page - Structured Cable Products Inc.

  LUT-GREEN Datasheet HTML 1Page - Structured Cable Products Inc. LUT-GREEN Datasheet HTML 2Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: 866-470-5742
SCP PART#: LUT-GREEN
DESCRIPTION:
CONTROL/KEYPAD- 2C/22 AWG SHIELDED + 2C/18 AWG STRANDED+DRAIN, UL CM, PVC JKT (Compare to Lutron
GRX-CBL-346S)- BLUE W/GREEN STRIPE- 1000FT/305M SPOOL
UPC: 810070015046
Date 12/2/2019
Electrical & Physical Characteristics:
Rated Voltage
17.4kgs/38.36lbs
360X200X160
1000ft/Spool
36
Min AC1.5KV
18AWG Core/Core Capacitance
22AWG Core/Screen Capacitance
100+30 pf/m
Max 300Volts
130+30pf/m
Marking:
STRUCTURED CABLE PRODUCTS --- LUT-GREEN --- E198137 SCP3 (UL) CL2 C(UL) CM
2C/22AWG STR SHIELDED + 2C/18AWG STR EN50575:2014 CE Eca PVC JKT RoHS
ZONE/DEVICE A B C D E 0 1 2 3 4 5 6 7 8 9 ***M
Packaging:
Approx.Wight(kg)
Approx.Dimension(mm)
Package
Packages per pallet
Dielectric Strength
Operating Temperature Range
- 20°C + 75°C
Conductor Resistance(18AWG)
Max 22.8ohm/km at 20°C
Conductor Resistance(22AWG)
Max 53.5ohm/km at 20°C
Minimum installation temperature
0°C + 40°C
22AWG Core/Core Capacitance
45+15 pf/m
*Lutron®, Homeworks®, Sivoia®, Grafik Eye®, and Quantum Systems® are registered trademarks of Lutron
Electronics Co., Inc. Structured Cable Products Inc. is not aliated with Lutron and our products are not endorsed
or certied by Lutron.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com