Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4P5VGI6P Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32L4P5VGI6P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5VGI6P Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32L4P5VGI6P Datasheet HTML 16Page - STMicroelectronics STM32L4P5VGI6P Datasheet HTML 17Page - STMicroelectronics STM32L4P5VGI6P Datasheet HTML 18Page - STMicroelectronics STM32L4P5VGI6P Datasheet HTML 19Page - STMicroelectronics STM32L4P5VGI6P Datasheet HTML 20Page - STMicroelectronics STM32L4P5VGI6P Datasheet HTML 21Page - STMicroelectronics STM32L4P5VGI6P Datasheet HTML 22Page - STMicroelectronics STM32L4P5VGI6P Datasheet HTML 23Page - STMicroelectronics STM32L4P5VGI6P Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 311 page
background image
Functional overview
STM32L4P5xx
20/311
DS12903 Rev 2
3.4
Memories
3.4.1
Embedded Flash memory
The devices feature up to 1 Mbyte of embedded Flash memory which is available for storing
programs and data.
The Flash interface features:
–
Single or dual bank operating modes
–
Read-while-write (RWW) in dual bank mode
This feature allows to perform a read operation from one bank while an erase or program
operation is performed to the other bank. The dual-bank boot is also supported. Each bank
contains 128 pages of 4 Kbytes. In Single-bank mode the main Flash memory contains 128
pages of 8 Kbytes.
Flexible protections can be configured thanks to the option bytes:
• Readout protection (RDP) to protect the whole memory. Three levels of protection are
available:
– Level 0: no readout protection
– Level 1: memory readout protection; the Flash memory cannot be read from or written
to if either the debug features are connected or the boot in RAM or bootloader are
selected
– Level 2: chip readout protection; the debug features (Cortex-M4 JTAG and serial
wire), the boot in RAM and the bootloader selection are disabled (JTAG fuse). This
selection is irreversible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com