Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE49SRP8 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE49SRP8
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SRP8 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE49SRP8 Datasheet HTML 6Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 7Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 8Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 9Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 10Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 11Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 12Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 13Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
4
Product features
4.1
Functional description
4.1.1
Angle Accuracy
The intrinsic angle error includes all errors regarding the IC itself and does not consider mechanical or magnetic
tolerances. The mechanic or magnetic tolerances increase the angle error, but can be compensated by an end-of-line
multi-point calibration.
Table 12
Angle accuracy
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Intrinsic angle
error
AEINL
-
-
0.8
°
including offset, sensitivity mismatch over
temperature assuming an ideal magnetic field
Intrinsic angle
error in
extended
magnetic range
AEINL_EXT
-
-
1.25
°
including offset, sensitivity mismatch over
temperature assuming an ideal magnetic field 1)
Intrinsic angle
accuracy
lifetime drift
AEdrift
-
-
0.2
°
-
Output noise
(RMS)
OUTnoise_1k
5Hz
-
0.05
0.1
°
for LP-Filter setting 8, 20 mT magnetic induction
and Tamb=25°C
1)
The calculation is derived from characterization and error modeling.
4.1.2
Interface timing
PWM interface timing
The following figure shows the PWM interface timing overview. The raw data is continuously filtered based on the
configured filter characteristic. This data is then sampled on an internal trigger shortly before the starting edge of the
subsequent PWM frame. Within this fixed period (from trigger to start edge) the angle is calculated using the CORDIC
algorithm and the angle data is prepared for transmission. In this way a constant delay of the angle data in respect to
the PWM start edge is achieved.
TLE49SR
Datasheet
4 Product features
Datasheet
10
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com