Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4459 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4459
Description  1.5A, 4MHz, 36V Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4459 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4459 Datasheet HTML 6Page - Monolithic Power Systems MP4459 Datasheet HTML 7Page - Monolithic Power Systems MP4459 Datasheet HTML 8Page - Monolithic Power Systems MP4459 Datasheet HTML 9Page - Monolithic Power Systems MP4459 Datasheet HTML 10Page - Monolithic Power Systems MP4459 Datasheet HTML 11Page - Monolithic Power Systems MP4459 Datasheet HTML 12Page - Monolithic Power Systems MP4459 Datasheet HTML 13Page - Monolithic Power Systems MP4459 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MP4459 – 1.5A, 4MHz, 36V STEP-DOWN CONVERTER
MP4459 Rev. 1.03
www.MonolithicPower.com
10
4/9/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Frequency
The MP4459 has an externally adjustable
frequency. The switching frequency (fS) can be
set using a resistor at FREQ pin (RFREQ). The
recommended RFREQ value for various fS, see
Table1.
Table 1—fS vs. RFREQ
RFREQ (kΩ)
fS (MHz)
18
4
20
3.8
22.1
3.5
24
3.3
26.7
3
30
2.8
33.2
2.5
39
2.2
45.3
2
51
1.8
57.6
1.6
68
1.4
80.6
1.2
100
1
133
0.8
200
0.5
340
0.3
536
0.2
Setting the Output Voltage
The output voltage is set using a resistive
voltage divider from the output voltage to FB pin.
The voltage divider divides the output voltage
down to the feedback voltage by the ratio:
2
R
1
R
2
R
V
V
OUT
FB
+
=
Where VFB is the feedback voltage and VOUT is
the output voltage.
Thus the output voltage is:
2
R
)
2
R
1
R
(
V
V
FB
OUT
+
=
A few µA of current from the high-side BS
circuitry can be seen at the output when the
MP4459 is at no load. In order to absorb this
small amount of current, keep R2 under 40kΩ.
A typical value for R2 can be 40.2kΩ. With this
value, R1 can be determined by:
)
k
)(
8
.
0
V
(
25
.
50
1
R
OUT
Ω
−
×
=
For example, for a 3.3V output voltage, R2 is
40.2kΩ, and R1 is 127kΩ.
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor will result in less ripple current that will
result in lower output ripple voltage. However,
the larger value inductor will have a larger
physical size, higher series resistance, and/or
lower saturation current. A good rule for
determining the inductance to use is to allow
the peak-to-peak ripple current in the inductor
to be approximately 30% of the maximum
switch current limit. Also, make sure that the
peak inductor current is below the maximum
switch current limit. The inductance value can
be calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
IN
OUT
L
S
OUT
V
V
1
ΔI
f
V
1
L
Where VIN is the input voltage, fS is the switching
frequency, and ΔIL is the peak-to-peak inductor
ripple current. Choose an inductor that will not
saturate under the maximum inductor peak
current. The peak inductor current can be
calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
+
=
IN
OUT
S
OUT
LOAD
LP
V
V
1
1
L
f
2
V
I
I
Where ILOAD is the load current. Table 2 lists a
number of suitable inductors from various
manufacturers. The choice of which style
inductor to use mainly depends on the price vs.
size requirements and any EMI requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com