Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4P5VGI3P Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32L4P5VGI3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5VGI3P Datasheet(HTML) 2 Page - STMicroelectronics

  STM32L4P5VGI3P Datasheet HTML 1Page - STMicroelectronics STM32L4P5VGI3P Datasheet HTML 2Page - STMicroelectronics STM32L4P5VGI3P Datasheet HTML 3Page - STMicroelectronics STM32L4P5VGI3P Datasheet HTML 4Page - STMicroelectronics STM32L4P5VGI3P Datasheet HTML 5Page - STMicroelectronics STM32L4P5VGI3P Datasheet HTML 6Page - STMicroelectronics STM32L4P5VGI3P Datasheet HTML 7Page - STMicroelectronics STM32L4P5VGI3P Datasheet HTML 8Page - STMicroelectronics STM32L4P5VGI3P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 311 page
background image
STM32L4P5xx
2/311
DS12903 Rev 2
Interconnect matrix
• 1 AHB bus matrix
14-channel DMA controller
23 communication peripherals
• USB OTG 2.0 full-speed, LPM and BCD
• 2x SAIs (serial audio interface)
• 4x I2C FM+(1 Mbit/s), SMBus/PMBus
• 6x USARTs (ISO 7816, LIN, IrDA, modem)
• 3x SPIs (5x SPIs with the dual Octo-SPI)
• CAN (2.0B Active) and 2x SDMMC
• 8- to 14-bit camera interface up to 32 MHz
(black and white) or 10 MHz (color)
• 8-/16-bit parallel synchronous data
input/output slave interface (PSSI)
11 analog peripherals (independent
supply)
• 2x 12-bit ADC 5 Msps, up to 16-bit with
hardware oversampling, 200 µA/Msps
• 2x 12-bit DAC, low-power sample and hold
• 2x operational amplifiers with built-in PGA
• 2x ultra-low-power comparators
• 2x digital filters for sigma delta modulator
• 1x temperature sensor
Advanced graphics features
• Chrom-ART Accelerator (DMA2D) for
enhanced graphic content creation
• LCD-TFT controller
16x timers and watchdog
• 2 x 16-bit advanced motor-control
• 2 x 32-bit general purpose timers
• 5 x 16-bit general purpose timers
• 2x 16-bit basic timers
• 2x low-power 16-bit timers (available in Stop
mode)
• 2x watchdogs
• 1x SysTick timer
• RTC with hardware calendar, alarms and
calibration
True random generator
CRC calculation unit
HASH (SHA-256) hardware accelerator
Debug mode
• Serial wire debug (SWD)
• JTAG
• Embedded Trace Macrocell™ (ETM)
96-bit unique ID
Table 1. Device summary
Reference
Part numbers
STM32L4P5xx
STM32L4P5AE, STM32L4P5AG, STM32L4P5CE, STM32L4P5CG, STM32L4P5QE,
STM32L4P5QG, STM32L4P5RE, STM32L4P5RG, STM32L4P5VE, STM32L4P5VG,
STM32L4P5ZE, STM32L4P5ZG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com