Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9997 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9997
Description  DUAL HALF BRIDGE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9997 Datasheet(HTML) 3 Page - STMicroelectronics

  L9997 Datasheet HTML 1Page - STMicroelectronics L9997 Datasheet HTML 2Page - STMicroelectronics L9997 Datasheet HTML 3Page - STMicroelectronics L9997 Datasheet HTML 4Page - STMicroelectronics L9997 Datasheet HTML 5Page - STMicroelectronics L9997 Datasheet HTML 6Page - STMicroelectronics L9997 Datasheet HTML 7Page - STMicroelectronics L9997 Datasheet HTML 8Page - STMicroelectronics L9997 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS (7V < VS
< 16.5V; -40°C< TJ < 150°C; unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IVS_SB
Quiescent Current in Standby
Mode
VEN
< 0.3V; VVS <16.5V; Tj < 85°(*)
VEN =0; VVS
= 14.5V; Tj =25°C
<1
<1
90
10
µA
µA
IVS
Supply Current
EN = HIGH, IOUT1,2 =0
2
6
mA
VENL
Low Enable Voltage
1.5
V
VENH
High Enable Voltage
3.5
6
V
VENthh
Enable Threshold Hysteresis
1
V
IEN
Enable Input Current
VEN = 5V
85
250
µA
VIN1,2L
Low Input Voltage
1.5
V
VIN1,2H
High Input Voltage
3.5
V
VIN1,2thh
Input Threshold Hysteresis
1
V
IIN1,2
Input Bias Current
VIN =0
VIN = 5V, EN = HIGH
-3
2
0
10
1
50
µA
µA
RON OUT1,2
ON-Resistance to Supply or
GND
IOUT =
±0.8A; VVS = 7V; Tj = 125°C
IOUT =
±0.8A; VVS = 12V; Tj = 125°C
IOUT =
±0.8A; VVS = 12V; Tj =25°C
1.2
1.1
0.7
2.8
2.25
Ω
Ω
Ω
|IOUT1,2|
Output Current Limitation
1.2
1.6
2.2
A
VDIAG
Diagnostic Output Drop
IDIAG = 0.5mA, EN = HIGH
Overvoltage or Thermal Shut-
down
0.6
V
VVSOVth
Supply Overvoltage
Threshold
17
19
21
V
tONLH
Turn on Delay Time
See Fig. 2; VVS = 13.5V
Measured with 93
Ω load
50
150
µs
tONHL
30
150
µs
tOFFHL
Turn off Delay Time
10
100
µs
tOFFLH
220
µs
tdHL
Rising Delay Time
115
250
µs
tdLH
Falling Delay Time
115
250
µs
trHS
Rise Time
30
100
µs
trLS
60
150
µs
tfHS
Fall Time
25
100
µs
tfLS
50
150
µs
* Tested at 125
°C and guaranteed by correlation
FUNCTIONAL DESCRIPTION
The L9997ND is a motor driver two half-bridge
outputs, intended for driving dc motors in automo-
tive systems. The basic function of the device is
shown in the Table 1.
Table 1. Table function.
Status
EN
IN1
IN2
OUT1
OUT2
DIAG
NOTE
1
L
X
X
Tristate
Tristate
OFF
Standby Mode
2
H
H
H
SRC
SRC
OFF
Recommended for braking
3
H
H
L
SRC
SNK
OFF
4
H
L
H
SNK
SRC
OFF
5
H
L
L
SNK
SNK
OFF
6
H
X
X
Tristate
Tristate
ON
Overvoltage or Overtemperature
L9997ND
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com