Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC29302WU Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC29302WU
Description  High-Current Low Dropout Regulators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC29302WU Datasheet(HTML) 3 Page - Microchip Technology

  MIC29302WU Datasheet HTML 1Page - Microchip Technology MIC29302WU Datasheet HTML 2Page - Microchip Technology MIC29302WU Datasheet HTML 3Page - Microchip Technology MIC29302WU Datasheet HTML 4Page - Microchip Technology MIC29302WU Datasheet HTML 5Page - Microchip Technology MIC29302WU Datasheet HTML 6Page - Microchip Technology MIC29302WU Datasheet HTML 7Page - Microchip Technology MIC29302WU Datasheet HTML 8Page - Microchip Technology MIC29302WU Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
 2016 Microchip Technology Inc.
DS20005685A-page 3
MIC2915X/30X/50X/75X
Typical Application Circuits
Functional Diagram
MIC29300-3.3
10μF Tantalum
3.3V @ 3A
IN
OUT
GND
CIN
5V
OUT
IN
ADJ
GND
EN
10μF Tantalum
*R1
*R2
2.5VOUT@1.5A
MIC29152WD
3.3VIN
CIN
+
MIC29300
Fixed Output Version
MIC29152
Adjustable Output Version
* See Minimum Load Current Section
1.180V
1.240V
REFERENCE
IN
FLAG
EN
THERMAL
SHUT-
DOWN
OUT
ADJ†
GND
R1*
R2*
O.V.
I LIMIT
32V
* FEEDBACK NETWORK IN FIXED VERSIONS ONLY
† ADJUSTABLE VERSION ONLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com