Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-1 Datasheet(PDF) 2 Page - Mini-Circuits

Part # ADE-1
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-1 Datasheet(HTML) 2 Page - Mini-Circuits

  ADE-1 Datasheet HTML 1Page - Mini-Circuits ADE-1 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Performance Charts
ADE-1
CONVERSION LOSS
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0
100
200
300
400
500
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
at IF Freq of 30 MHz
ADE-1
L-R ISOLATION
0
10
20
30
40
50
60
70
80
0
100
200
300
400
500
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
Typical Performance Data
RF
MHz
LO
MHz
Conversion Loss
(dB)
LO
+7dBm
Isolation L-R
(dB)
LO
+7dBm
LO
+7dBm
Isolation L-I
(dB)
VSWR LO port
(:1)
VSWR RF port
(:1)
LO
+7dBm
LO
+7dBm
Frequency
ADE-1
L-I ISOLATION
0
10
20
30
40
50
60
70
0
100
200
300
400
500
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
ADE-1
RF VSWR
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
100
200
300
400
500
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
ADE-1
LO VSWR
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
100
200
300
400
500
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
ADE-1
IF VSWR
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
100
200
300
400
500
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
0.50
30.50
5.68
67.49
56.67
1.46
2.51
0.80
30.80
5.55
67.50
56.83
1.32
2.56
1.00
31.00
5.35
67.51
56.67
1.29
2.56
5.00
35.00
5.06
66.17
55.50
1.19
2.51
10.00
40.00
4.95
65.17
54.17
1.18
2.51
20.00
50.00
5.02
63.50
52.17
1.17
2.56
40.00
70.00
4.89
61.00
48.83
1.14
2.51
63.25
93.25
4.93
58.84
46.33
1.11
2.51
94.82
124.82
4.99
58.00
44.34
1.08
2.56
100.00
130.00
5.08
58.00
43.84
1.08
2.56
126.39
156.39
4.96
56.67
42.17
1.08
2.56
157.97
187.97
5.11
54.16
41.16
1.10
2.51
221.12
251.12
5.15
51.84
40.00
1.05
2.67
250.00
280.00
5.10
53.00
38.67
1.03
2.61
284.26
314.26
5.20
48.33
36.50
1.04
2.67
347.41
377.41
5.43
47.66
33.34
1.10
2.56
378.98
408.98
5.33
47.00
30.67
1.15
2.80
410.56
440.56
5.54
45.50
29.17
1.17
2.80
470.00
500.00
5.81
44.67
28.16
1.14
3.01
500.00
530.00
5.91
43.82
28.50
1.23
3.09
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
Page 2 of 2
ADE-1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com