Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C4255 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CY7C4255
Description  8K/16K x 18 Deep Sync FIFOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4255 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CY7C4255 Datasheet HTML 14Page - Cypress Semiconductor CY7C4255 Datasheet HTML 15Page - Cypress Semiconductor CY7C4255 Datasheet HTML 16Page - Cypress Semiconductor CY7C4255 Datasheet HTML 17Page - Cypress Semiconductor CY7C4255 Datasheet HTML 18Page - Cypress Semiconductor CY7C4255 Datasheet HTML 19Page - Cypress Semiconductor CY7C4255 Datasheet HTML 20Page - Cypress Semiconductor CY7C4255 Datasheet HTML 21Page - Cypress Semiconductor CY7C4255 Datasheet HTML 22Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
CY7C4255
CY7C4265
Document #: 38-06004 Rev. *C
Page 19 of 22
Typical AC and DC Characteristics
0.60
0.80
1.00
1.20
1.40
1.60
−55.00
5.00
65.00
125.00
0.80
0.90
1.00
1.10
1.20
4.00
4.50
5.00
5.50
6.00
SUPPLY VOLTAGE (V)
NORMALIZED tA vs. SUPPLY
VOLTAGE
NORMALIZED SUPPLY CURRENT
vs. SUPPLY VOLTAGE
NORMALIZED tA vs. AMBIENT
TEMPERATURE
AMBIENT TEMPERATURE (°C)
NORMALIZED SUPPLY CURRENT
vs. AMBIENT TEMPERATURE
TA = 25°C
FREQUENCY (MHz)
NORMALIZED SUPPLY CURRENT
vs. FREQUENCY
SUPPLY VOLTAGE (V)
VCC = 5.0V
0.60
0.80
1.00
1.20
1.40
4.00
4.50
5.00
5.50
6.00
0.80
0.90
1.00
1.10
1.20
−55.00
5.00
65.00
125.00
0.50
0.75
1.00
1.25
1.50
1.75
20.00
30.00
40.00
50.00 60.00
AMBIENT TEMPERATURE (°C)
VIN = 3.0V
TA = 25°C
f = 28 MHz
VIN = 3.0V
VCC = 5.0V
f = 28 MHz
VCC = 5.0V
TA = 25°C
VIN = 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com