Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C4201 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C4201
Description  64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4201 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C4201 Datasheet HTML 1Page - Cypress Semiconductor CY7C4201 Datasheet HTML 2Page - Cypress Semiconductor CY7C4201 Datasheet HTML 3Page - Cypress Semiconductor CY7C4201 Datasheet HTML 4Page - Cypress Semiconductor CY7C4201 Datasheet HTML 5Page - Cypress Semiconductor CY7C4201 Datasheet HTML 6Page - Cypress Semiconductor CY7C4201 Datasheet HTML 7Page - Cypress Semiconductor CY7C4201 Datasheet HTML 8Page - Cypress Semiconductor CY7C4201 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
CY7C4421/4201/4211/4221
CY7C4231/4241/4251
Document #: 38-06016 Rev. *C
Page 2 of 19
Selection Guide
-10
-15
-25
Unit
Maximum Frequency
100
66.7
40
MHz
Maximum Access Time
8
10
15
ns
Minimum Cycle Time
10
15
25
ns
Minimum Data or Enable Set-up
3
4
6
ns
Minimum Data or Enable Hold
0.5
1
1
ns
Maximum Flag Delay
8
10
15
ns
Active Power Supply Current
Commercial
35
35
35
ICC1
Industrial
40
40
40
CY7C4421
CY7C4201
CY7C4211
CY7C4221
CY7C4231
CY7C4241
CY7C4251
Density
64 × 9
256 × 9
512 × 9
1K × 9
2K × 9
4K × 9
8K × 9
Pin Definitions
Pin
Name
I/O
Description
D0–8
Data Inputs
I
Data Inputs for 9-bit Bus
Q0–8
Data Outputs
O Data Outputs for 9-bit Bus
WEN1
Write Enable 1
I
The only Write enable to have programmable flags when device is configured. Data is
written on a LOW-to-HIGH transition of WCLK when WEN1 is asserted and FF is HIGH.
If the FIFO is configured to have two Write enables, data is written on a LOW-to-HIGH
transition of WCLK when WEN1 is LOW and WEN2/LD and FF are HIGH.
WEN2/LD Dual
Mode Pin
Write Enable 2
I
If HIGH at reset, this pin operates as a second Write enable. If LOW at reset, this pin
operates as a control to Write or Read the programmable flag offsets. WEN1 must be
LOW and WEN2 must be HIGH to write data into the FIFO. Data will not be written into
the FIFO if the FF is LOW. If the FIFO is configured to have programmable flags,
WEN2/LD is held LOW to write or read the programmable flag offsets.
Load
I
REN1, REN2
Read Enable
Inputs
I
Enables Device for Read Operation
WCLK
Write Clock
I
The rising edge clocks data into the FIFO when WEN1 is LOW, WEN2/LD is HIGH, and
the FIFO is not Full. When LD is asserted, WCLK writes data into the programmable
flag-offset register.
RCLK
Read Clock
I
The rising edge clocks data out of the FIFO when REN1 and REN2 are LOW and the
FIFO is not Empty. When WEN2/LD is LOW, RCLK reads data out of the programmable
flag-offset register.
EF
Empty Flag
O When EF is LOW, the FIFO is empty. EF is synchronized to RCLK.
FF
Full Flag
O When FF is LOW, the FIFO is full. FF is synchronized to WCLK.
PAE
Programmable
Almost Empty
O When PAE is LOW, the FIFO is almost empty based on the almost empty offset value
programmed into the FIFO.
PAF
Programmable
Almost Full
O When PAF is LOW, the FIFO is almost full based on the almost full offset value
programmed into the FIFO.
RS
Reset
I
Resets device to empty condition. A reset is required before an initial Read or Write
operation after power-up.
OE
Output Enable
I
When OE is LOW, the FIFO’s data outputs drive the bus to which they are connected.
If OE is HIGH, the FIFO’s outputs are in High-Z (high-impedance) state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com