Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT245BM Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT245BM
Description  Dual USB UART / FIFO I.C.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT245BM Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT245BM Datasheet HTML 17Page - Future Technology Devices International Ltd. FT245BM Datasheet HTML 18Page - Future Technology Devices International Ltd. FT245BM Datasheet HTML 19Page - Future Technology Devices International Ltd. FT245BM Datasheet HTML 20Page - Future Technology Devices International Ltd. FT245BM Datasheet HTML 21Page - Future Technology Devices International Ltd. FT245BM Datasheet HTML 22Page - Future Technology Devices International Ltd. FT245BM Datasheet HTML 23Page - Future Technology Devices International Ltd. FT245BM Datasheet HTML 24Page - Future Technology Devices International Ltd. FT245BM Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
DS2232C Version 1.2
© Future Technology Devices International Ltd. 2004
Page 21 of 54
FT2232C Dual USB UART / FIFO I.C.
8.3 USB Bus Powered and Self Powered Configuration
Figure 8 - USB Bus Powered Configuration
Figure 8 illustrates the FT2232C in a typical USB bus powered configuration. A USB Bus Powered device gets its
power from the USB bus. Basic rules for USB Bus power devices are as follows –
a) On plug-in, the device must draw no more than 100mA
b) On USB Suspend the device must draw no more than 500μA.
c) A High Power USB Bus Powered Device (one that draws more than 100mA) should use the PWREN# pin to keep
the current below 100mA on plug-in and 500μA on USB suspend.
d) A device that consumes more than 100mA can not be plugged into a USB Bus Powered Hub
e) No device can draw more that 500mA from the USB Bus.
The power descriptor in the EEPROM should be programmed to match the current draw required by the device.
A Ferrite Bead is connected in series with USB power to prevent noise from the device and associated circuitry (EMI)
being radiated down the USB cable to the Host. The value of the Ferrite Bead depends on the total current required
by the circuit – a suitable range of Ferrite Beads is available from Steward (
www.steward.com) for example Steward
Part # MI0805K400R-00 also available from
DigiKey, Part # 240-1035-1.
0.1uF
VCC
27R
USB "B"
Connector
27R
USB DM
RSTOUT#
8
FT2232C
USB DP
7
5
V
C
C
V
C
C
V
C
C
I
O
A
3
42
14
1
2
3
4
Ferrite Bead
1.5K
33nF
3v3OUT
6
470R
A
V
C
C
46
G
N
D
G
N
D
A
G
N
D
18 25 34
10nF
VCC
RESET#
4
Decoupling Capacitors
10uF
VCC
0.1uF
0.1uF
+
31
V
C
C
I
O
A
G
N
D
G
N
D
9
45
TEST
47
EECS
EESK
EEDATA
10K
48
1
2
6MHz
27pF
27pF
XTIN
43
44 XTOUT
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com