Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8050 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SS8050
Description  NPN Epitaxial Silicon Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS8050 Datasheet(HTML) 2 Page - ON Semiconductor

  SS8050 Datasheet HTML 1Page - ON Semiconductor SS8050 Datasheet HTML 2Page - ON Semiconductor SS8050 Datasheet HTML 3Page - ON Semiconductor SS8050 Datasheet HTML 4Page - ON Semiconductor SS8050 Datasheet HTML 5Page - ON Semiconductor SS8050 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS8050
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVCBO
Collector−Base Breakdown Voltage
IC = 100 mA, IE = 0
40
V
BVCEO
Collector−Emitter Breakdown Voltage
IC = 2 mA, IB = 0
25
V
BVEBO
Emitter−Base Breakdown Voltage
IE = 100 mA, IC = 0
6
V
ICBO
Collector Cut−Off Current
VCB = 35 V, IE = 0
100
nA
IEBO
Emitter Cut−Off Current
VEB = 6 V, IC = 0
100
nA
hFE1
DC Current Gain
VCE = 1 V, IC = 5 mA
45
hFE2
VCE = 1 V, IC = 100 mA
85
300
hFE3
VCE = 1 V, IC = 800 mA
40
VCE(sat)
Collector−Emitter Saturation Voltage
IC = 800 mA, IB = 80 mA
0.5
V
VBE(sat)
Base−Emitter Saturation Voltage
IC = 800 mA, IB = 80 mA
1.2
V
VBE(on)
Base−Emitter On Voltage
VCE = 1 V, IC = 10 mA
1
V
Cob
Output Capacitance
VCB = 10 V, IE = 0, f = 1 MHz
9.0
pF
fT
Current Gain Bandwidth Product
VCE = 10 V, IC = 50 mA
100
MHz
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
hFE CLASSIFICATION
Classification
B
C
D
hFE2
85 ~ 160
120 ~ 200
160 ~ 300
ORDERING INFORMATION
Part Number
Top Mark
Package
Shipping
SS8050BBU
S8050B
TO−92−3, case 135AN (Pb−Free)
10,000 Units/ Bulk Box
SS8050CBU
S8050C
TO−92−3, case 135AN (Pb−Free)
10,000 Units/ Bulk Box
SS8050CTA
S8050C
TO−92−3, case 135AR (Pb−Free)
2,000 Units/ Fan−Fold
SS8050DBU
S8050D
TO−92−3, case 135AN (Pb−Free)
10,000 Units/ Bulk Box
SS8050DTA
S8050D
TO−92−3, case 135AR (Pb−Free)
2,000 Units/ Fan−Fold



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com