Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1972GS Datasheet(PDF) 3 Page - Littelfuse

Part # CPC1972GS
Description  AC Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1972GS Datasheet(HTML) 3 Page - Littelfuse

  CPC1972GS Datasheet HTML 1Page - Littelfuse CPC1972GS Datasheet HTML 2Page - Littelfuse CPC1972GS Datasheet HTML 3Page - Littelfuse CPC1972GS Datasheet HTML 4Page - Littelfuse CPC1972GS Datasheet HTML 5Page - Littelfuse CPC1972GS Datasheet HTML 6Page - Littelfuse CPC1972GS Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1972
www.ixysic.com
3
R07
35
30
25
20
15
10
5
0
1.21
1.22
1.23
1.24
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
(I
F=5mA, TA=25ºC)
35
30
25
20
15
10
5
0
1.89
1.93
1.97
2.01
1.91
1.95
1.99
Output Voltage Drop (V
rms)
Typical On-State Output
Forward Voltage Distribution
(T
A=25ºC)
857
859
861
863
862
860
858
Blocking Voltage (V
P)
35
30
25
20
15
10
5
0
Typical Blocking Voltage Distribution
(T
A=25ºC)
1.35
1.45
1.55
1.30
1.40
1.50
1.60
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Operation
(T
A=25ºC)
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (ºC)
1.6
1.5
1.4
1.3
1.2
1.1
-40
-20
0
20
40
60
80
120
100
I
F = 50mA
I
F = 30mA
I
F = 20mA
I
F = 10mA
I
F = 5mA
-40
-10
20
50
80
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0.0
Typical I
F for Switch Operation
vs. Temperature
Temperature (ºC)
-40
-10
20
50
80
3.1
2.8
2.5
2.2
1.9
1.6
1.3
1.0
Typical Output Voltage Drop
vs. Temperature
I
L=250mArms
Temperature (ºC)
PERFORMANCE DATA*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com