Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1983B Datasheet(PDF) 4 Page - Littelfuse

Part # CPC1983B
Description  OptoMOS® Power SOIC Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1983B Datasheet(HTML) 4 Page - Littelfuse

  CPC1983B Datasheet HTML 1Page - Littelfuse CPC1983B Datasheet HTML 2Page - Littelfuse CPC1983B Datasheet HTML 3Page - Littelfuse CPC1983B Datasheet HTML 4Page - Littelfuse CPC1983B Datasheet HTML 5Page - Littelfuse CPC1983B Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R04
CPC1983B
Temperature (ºC)
-40
-20
0
20
40
60
80
100
2.5
3.0
3.5
4.0
4.5
5.0
Typical On-Resistance
vs. Temperature
(I
F=5mA, IL=300mA)
Load Voltage (V)
-3
-2
-1
0
1
2
3
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
Typical Load Current
vs. Load Voltage
(I
F=5mA, TA=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
Maximum Load Current
vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
640
660
680
700
720
740
760
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
Typical Leakage Current
vs. Temperature
(V
L=600V)
Load Voltage (V)
0
50
100
150
200
0
200
400
600
800
1000
1200
Output Capacitance
vs. Load Voltage
(I
F=0mA, f=1MHz, TA=25ºC)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0
1
2
3
4
Energy Rating Curve
PERFORMANCE DATA*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com