Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP70H480G4JSG Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # TP70H480G4JSG
Description  700V SuperGaN® GaN FET in PQFN 5x6 Performance Package (source tab)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TP70H480G4JSG Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button TP70H480G4JSG Datasheet HTML 5Page - Renesas Technology Corp TP70H480G4JSG Datasheet HTML 6Page - Renesas Technology Corp TP70H480G4JSG Datasheet HTML 7Page - Renesas Technology Corp TP70H480G4JSG Datasheet HTML 8Page - Renesas Technology Corp TP70H480G4JSG Datasheet HTML 9Page - Renesas Technology Corp TP70H480G4JSG Datasheet HTML 10Page - Renesas Technology Corp TP70H480G4JSG Datasheet HTML 11Page - Renesas Technology Corp TP70H480G4JSG Datasheet HTML 12Page - Renesas Technology Corp TP70H480G4JSG Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
TP70H480G4JSG Datasheet
R07DS1594EU0102 Rev.1.02
Nov 21, 2025
Page 12
7. Ordering Information
Part Number
Package Description
Package Configuration
TP70H480G4JSG-TR [1]
5 × 6 PQFN PP
Source tab
1.
“-TR” suffix refers to tape and reel.
8. Revision History
Revision
Date
Description
1.02
Nov 21, 2025
Updated the document's formatting; no technical changes were completed.
1.01
Aug 7, 2025
Updated VGS maximum to 20V in sections 2.1 and 2.3.
1.00
Apr 10, 2025
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com