Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70301650 Datasheet(PDF) 2 Page - RYCHIP Semiconductor Inc.

Part # 70301650
Description  Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RYCHIP [RYCHIP Semiconductor Inc.]
Direct Link  https://www.rychip.com/en/
Logo RYCHIP - RYCHIP Semiconductor Inc.

70301650 Datasheet(HTML) 2 Page - RYCHIP Semiconductor Inc.

  70301650 Datasheet HTML 1Page - RYCHIP Semiconductor Inc. 70301650 Datasheet HTML 2Page - RYCHIP Semiconductor Inc. 70301650 Datasheet HTML 3Page - RYCHIP Semiconductor Inc. 70301650 Datasheet HTML 4Page - RYCHIP Semiconductor Inc. 70301650 Datasheet HTML 5Page - RYCHIP Semiconductor Inc. 70301650 Datasheet HTML 6Page - RYCHIP Semiconductor Inc. 70301650 Datasheet HTML 7Page - RYCHIP Semiconductor Inc. 70301650 Datasheet HTML 8Page - RYCHIP Semiconductor Inc. 70301650 Datasheet HTML 9Page - RYCHIP Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RY8411
Email: support@rychip.com
http://www.rychip.com
©RYCHIP Semiconductor Inc.
Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
Page 2 / 13
Pin Description
Pin Configuration
5
SW
EN
IN
BS
FB
GND
4
6
2
3
1
TOP VIEW
SOT23-6
Top Marking: HOYLL (device code: HO, Y=year code, LL= lot number code)
Pin Description
Pin
Name
Function
1
BS
Bootstrap. A capacitor connected between SW and BST pins is required to form a
floating supply across the high-side switch driver.
2
GND
Ground Pin
3
FB
Adjustable Version Feedback input. Connect FB to the center point of the external
resistor divider
4
EN
Drive this pin to a logic-high to enable the IC. Drive to a logic-low to disable the
IC and enter micro-power shutdown mode.
5
IN
Power Supply Pin
6
SW
Switching Pin
Order Information (1)
Marking
Part No.
Model
Description
Package
T/R Qty
HOYLL
70301650
RY8411
RY8411 PSM SYN Buck, 4-38V, 1.2A,
800KHz, VFB 0.8V, SOT23-6
SOT23-6
3000PCS
Note (1): All RYCHIP parts are Pb-Free and adhere to the RoHS directive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com