Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1084 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LD1084
Description  5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1084 Datasheet(HTML) 4 Page - STMicroelectronics

  LD1084 Datasheet HTML 1Page - STMicroelectronics LD1084 Datasheet HTML 2Page - STMicroelectronics LD1084 Datasheet HTML 3Page - STMicroelectronics LD1084 Datasheet HTML 4Page - STMicroelectronics LD1084 Datasheet HTML 5Page - STMicroelectronics LD1084 Datasheet HTML 6Page - STMicroelectronics LD1084 Datasheet HTML 7Page - STMicroelectronics LD1084 Datasheet HTML 8Page - STMicroelectronics LD1084 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LD1084 SERIES
4/18
ELECTRICAL CHARACTERISTICS OF LD1084#18 (VI=4.8V, CI =CO =10µF, TA = -40 to 125°C, unless
otherwise specified.)
NOTE 1: See short-circuit current curve for available output current at fixed dropout.
ELECTRICAL CHARACTERISTICS OF LD1084#25 (VI=5.5V, CI =CO =10µF, TA = -40 to 125°C, unless
otherwise specified.)
NOTE 1: See short-circuit current curve for available output current at fixed dropout.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO =0mA
TJ = 25°C
1.782
1.8
1.818
V
IO =0to 5A VI = 3.4 to 30V (note 1)
1.764
1.8
1.836
V
∆V
O
Line Regulation
IO =0mA
VI = 3.4 to 18V TJ = 25°C
0.5
6
mV
IO =0mA
VI = 3.4 to 15V
0.1
6
mV
∆V
O
Load Regulation
IO =0to 5A TJ = 25°C
3
15
mV
IO =0to 5A
7
20
V
Vd
Dropout Voltage
IO =5 A
1.3
1.5
V
Iq
Quiescent Current
VI ≤ 30V
5
10
mA
Isc
Short Circuit Current
VI -VO = 5V
5.5
6.5
A
VI -VO = 25V
0.5
0.7
A
Termal Regulation
TA = 25°C, 30ms pulse
0.003
0.015
%/W
SVR
Supply Voltage Rejection
f = 120 Hz,
CO =25 µF, IO =5A
VI = 6.8 ± 3V
60
75
dB
eN
RMS Output Noise Voltage
(% of VO)
TA = 25°C
f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TA = 125°C 1000Hrs
0.5
%
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO =0mA
TJ = 25°C
2.475
2.5
2.525
V
IO =0to 5A VI = 4.1 to 30V (note 1)
2.45
2.5
2.55
V
∆V
O
Line Regulation
IO =0mA
VI = 4.1 to 18V TJ = 25°C
0.5
6
mV
IO =0mA
VI = 4.1 to 18V
0.1
6
mV
∆V
O
Load Regulation
IO =0to 5A TJ = 25°C
3
15
mV
IO =0to 5A
7
20
V
Vd
Dropout Voltage
IO =5 A
1.3
1.5
V
Iq
Quiescent Current
VI ≤ 30V
5
10
mA
Isc
Short Circuit Current
VI -VO = 5V
5.5
6.5
A
VI -VO = 25V
0.5
0.7
A
Termal Regulation
TA = 25°C, 30ms pulse
0.003
0.015
%/W
SVR
Supply Voltage Rejection
f = 120 Hz,
CO =25 µF, IO =5A
VI = 7.5 ± 3V
60
72
dB
eN
RMS Output Noise Voltage
(% of VO)
TA = 25°C
f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TA = 125°C 1000Hrs
0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com