Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069630000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1069630000
Description  SHL-SMT 5.00/03GL 4.2BX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1069630000 Datasheet(HTML) 1 Page - Weidmuller

  1069630000 Datasheet HTML 1Page - Weidmuller 1069630000 Datasheet HTML 2Page - Weidmuller 1069630000 Datasheet HTML 3Page - Weidmuller 1069630000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data sheet
SHL-SMT 5.00/03GL 4.2BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
Product image
High-temperature-resistant, straight, open pin header.
Packed in box or tape. On tape and with 1.5 mm solder
pin, optimised for automatic assembly. 3.2 mm solder pin
suitable for reflow and wave soldering. The pin headers
provide space for labelling and can be coded. HC = High
Current.
General ordering data
 
Version
PCB plug-in connector, Connection element, left,
male header, open side, THT/THR solder connec-
tion, 5.00 mm, Number of poles: 3, 90°, Solder pin
length (l): 4.2 mm, tinned, black, Box
Order No.
1069630000
Type
SHL-SMT 5.00/03GL 4.2BX
GTIN (EAN)
4032248824700
Qty.
120 items
Product data
IEC: 400 V
UL: 300 V / 9 A / AWG 26 - AWG 12
Packaging
Box
 
 
Creation date 27.02.2026 10:19:36 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 1069630000

ManufacturerPart #DatasheetDescription
logo
SICK AG
1069630 SICK-1069630 Datasheet
313Kb / 7P
PHOTOELECTRIC SENSORS
More results

Similar Description - 1069630000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1596110000 WEIDMULLER-1596110000 Datasheet
94Kb / 5P
BLZ 5.00/8 SN SW
1069550000 WEIDMULLER-1069550000 Datasheet
89Kb / 2P
SHL-SMT 5.00/02GR 4.2BX
1069570000 WEIDMULLER-1069570000 Datasheet
86Kb / 2P
SHL-SMT 5.00/04GR 4.2BX
1069620000 WEIDMULLER-1069620000 Datasheet
84Kb / 2P
SHL-SMT 5.00/02GL 4.2BX
1069640000 WEIDMULLER-1069640000 Datasheet
91Kb / 2P
SHL-SMT 5.00/04GL 4.2BX
logo
Eaton All Rights Reserv...
EM2905 EATON-EM2905 Datasheet
3Mb / 11P
High Current; 5.00 Centers; Modular
EM3660 EATON-EM3660 Datasheet
848Kb / 1P
5.00 Centers; Modular
EM3665 EATON-EM3665 Datasheet
1Mb / 1P
5.00 Centers; Modular
logo
Shanghai Toplite Techno...
A-5050BUW-S TOPLITE-A-5050BUW-S Datasheet
376Kb / 6P
5.00*5.00 SMD
logo
PHOENIX CONTACT
1145726 PHOENIX-1145726 Datasheet
552Kb / 14P
DMCC 0,5/ 4-ST-SHL 7,0-2,54 - PCB connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com