Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR2040 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LSR2040
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LSR2040 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LSR2040 Datasheet HTML 1Page - List of Unclassifed Manufacturers LSR2040 Datasheet HTML 2Page - List of Unclassifed Manufacturers LSR2040 Datasheet HTML 3Page - List of Unclassifed Manufacturers LSR2040 Datasheet HTML 4Page - List of Unclassifed Manufacturers LSR2040 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Storage Temperature
Tstg
-40 ~ +100
℃
Red
Soldering Temperature
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2. The luminous intensity data did not including ±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25 ℃)
Emitted
MATERIAL
PART NO
LSR2040
GaAlAs
Spectral
halfwidth
△λ
nm
Peak
wave
length
λPnm
Viewing
angle
2θ 1/2
(deg)
Red Diffused
Lens
660
20
2.4
Max.
1.5
Min.
65
Min.
36
120
Typ.
Max 260℃ for 5 sec Max
(2mm from body)
COLOR
Tsol
Luminous
intensity
@20mA(mcd)
Forward
voltage
@20mA(V)
Absolute Maximum Ratings at Ta=25 ℃
PART NO. LSR2040
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Reverse Current @5V
Operating Temperature
Parameter
Page 2/4
100
SR
10
-40 ~ +85
Ratings
100
IF
Topr
Ir
PD
IFP
Symbol
mA
30
μA
℃
mA
mW
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com