Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT-DCPLUG-F Datasheet(PDF) 1 Page - Multicomp Pro

Part # CT-DCPLUG-F
Description  Connector Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CT-DCPLUG-F Datasheet(HTML) 1 Page - Multicomp Pro

  CT-DCPLUG-F Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
03/11/23
Connector Adapter
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Description
This is CCTV Camera DC Power Jack to Terminal Block Adapter. The internal diameter
is 2.1mm and external diameter is 5.5mm. Use with LED Strip light, Security Camera
Surveillance System, CCTV Cameras.
Specifications
Connector A
: DC Power - 2.1mm
Convert From Positions
: 1 Positions
Convert From Gender
: Jack
Connector B
: Terminal Block
Convert To Positions
: 2 Positions
Convert To Gender
: Jack
Rated Voltage
: 5V to 36V
Rated Current
: 0-5A
Colour
Black,Green
Operating Temperature
: 0°C to +65°C
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Connector Adapter, DC Power Female Jack to Terminal Block Adapter CT-DCPLUG-F


Similar Part No. - CT-DCPLUG-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT-DC1100 ETC-CT-DC1100 Datasheet
323Kb / 3P
USB 2.0 VIDEO CAMERA CONTROLLER
More results

Similar Description - CT-DCPLUG-F

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-264AM16-26PSPY GLENAIR-240-264AM16-26PSPY Datasheet
336Kb / 2P
Connector Adapter
240-381AM15-35PSP GLENAIR-240-381AM15-35PSP Datasheet
350Kb / 2P
Connector Adapter
240-382AMY GLENAIR-240-382AMY Datasheet
368Kb / 2P
Connector Adapter
240-382AM15-35PSP GLENAIR-240-382AM15-35PSP Datasheet
366Kb / 2P
Connector Adapter
240-383AM15-35PSP GLENAIR-240-383AM15-35PSP Datasheet
395Kb / 2P
Filter Connector, Connector Adapter
240-837-AP14-04PS GLENAIR-240-837-AP14-04PS Datasheet
357Kb / 2P
Connector Adapter
240-382A GLENAIR-240-382A Datasheet
89Kb / 2P
Connector Adapter
240-383A GLENAIR-240-383A Datasheet
107Kb / 2P
Connector Adapter
240-515A GLENAIR-240-515A Datasheet
76Kb / 2P
Connector Adapter
240-837A GLENAIR-240-837A Datasheet
109Kb / 2P
Filtered Connector Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com