Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC4017 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4017
Description  High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4017 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC4017 Datasheet HTML 2Page - Texas Instruments CD54HC4017 Datasheet HTML 3Page - Texas Instruments CD54HC4017 Datasheet HTML 4Page - Texas Instruments CD54HC4017 Datasheet HTML 5Page - Texas Instruments CD54HC4017 Datasheet HTML 6Page - Texas Instruments CD54HC4017 Datasheet HTML 7Page - Texas Instruments CD54HC4017 Datasheet HTML 8Page - Texas Instruments CD54HC4017 Datasheet HTML 9Page - Texas Instruments CD54HC4017 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FIGURE 3. HC SETUP TIMES, HOLD TIMES, REMOVAL TIME, AND PROPAGATION DELAY TIMES FOR EDGE TRIGGERED
SEQUENTIAL LOGIC CIRCUITS
Timing Diagrams
FIGURE 4.
FIGURE 5.
Test Circuits and Waveforms (Continued)
trCL
tfCL
GND
VCC
GND
VCC
50%
90%
10%
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
VCC
50%
50%
90%
10%
50%
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
tH(H)
CL
CL
P
N
P
N
PN
P
N
D
CL
Q
C
FF DETAIL
CL
CL
CL
CL
CL
CL
Q
R
CLOCK
MASTER
RESET
CLOCK
ENABLE
“0”
“1”
“2”
“3”
“4”
“5”
“6”
“7”
“8”
“9”
TERMINAL
COUNT
0
1
2
3
4
5
6
7
8
9
0
1
2
CD54HC4017, CD74HC4017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com